công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FRT-ZB-R/Q

  • AI
    Based on technical specifications for the **FRT-ZB-R/Q** (which typically refers to a Zigbee-enabled smart radiator thermostat or motor-driven valve controller), the electronic architecture is designed for low-power consumption and wireless automation. --- ### 1. Core Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Low-power 32-bit ARM Cortex-M series | Handles logic, temperature calculation, and peripheral control. | | **Zigbee Module** | 2.4 GHz IEEE 802.15.4 | Facilitates wireless communication with smart home hubs (e.g., Tuya, Zigbee2MQTT). | | **NTC Thermistor** | High-precision thermal resistor | Monitors ambient room temperature for PID control. | | **Motor Driver** | H-Bridge circuit | Controls the DC motor to physically push or retract the valve pin. | | **LCD/LED Driver** | Segmented display controller | Powers the visual interface for temperature and status icons. | --- ### 2. Functional Blocks #### A. Power Management System * **Voltage:** Usually operates on **3V DC** (2 x AA Batteries). * **Deep Sleep Mode:** The device spends 99% of its time in a low-power state, waking up only for heartbeat Zigbee signals or temperature polling to extend battery life (typically 6–12 months). #### B. Wireless Communication (Zigbee) * **Protocol:** Zigbee 3.0. * **Electronic Signature:** Includes an integrated PCB antenna. * **Mesh Networking:** Acts as an "End Device" (not a router) to conserve energy. #### C. Actuator Mechanism * **Motor:** Small geared DC motor. * **Feedback Loop:** Uses either an optical encoder or a limit switch to calibrate the "Stroke" (the distance the valve pin moves). This ensures the valve is 100% closed or open as required. --- ### 3. Key Technical Specifications * **Operating Frequency:** 2.405 GHz - 2.480 GHz. * **Sensitivity:** -97 dBm. * **Standby Current:** < 30uA. * **Temperature Range:** 5°C to 35°C (Set point). * **Protection:** Integrated "Window Open" detection (electronic logic that shuts the valve if it detects a rapid temperature drop). ---
    ✨ Follow-up Questions
    • ⤷ How do I pair the FRT-ZB-R/Q with a Zigbee gateway?
    • ⤷ Can this device function manually if the Zigbee network goes down?
    • ⤷ What is the typical battery life for this specific electronic model?