AI

The **FRT-G1-R** is a specific model of a **Rotary Damper** manufactured by **Fuji Latex**. While it is a mechanical component, it is frequently used in the assembly of electronic devices and household appliances to control motion.
---
### 1. Component Specification Overview
The FRT-G1-R is a small, gear-type rotary damper designed to provide resistance through viscous friction, ensuring smooth opening and closing of lids, trays, and drawers.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Fuji Latex |
| **Series** | FRT-G1 |
| **Torque Rating** | 1.0 ± 0.2 mN·m (Standard) |
| **Direction** | Right (Clockwise) |
| **Gear Type** | Standard Spur Gear (usually 11-14 teeth depending on sub-batch) |
| **Operating Temp** | 0°C to 50°C |
### 2. Internal Composition
Although it does not contain integrated circuits, its design is critical for electromechanical systems:
* **Viscous Oil (Silicone):** The core "part" is the internal silicone fluid. The viscosity of this oil determines the damping force.
* **Rotor and Stator:** The internal vanes that move through the oil to create resistance.
* **External Gear:** Connects to the rack or gear of the electronic device (e.g., a CD player tray).
### 3. Applications in Electronics
The FRT-G1-R is commonly found in the following electronic hardware categories:
1. **Audio/Video Equipment:** Used in motorized CD/DVD trays to prevent them from "slamming" open or shut.
2. **Automotive Electronics:** Used in dashboard compartments, ash trays, and "soft-open" glove boxes.
3. **Home Appliances:** Used in control panels that flip down or lids on high-end washing machines.
4. **Office Hardware:** Slow-release mechanisms for printer paper trays or scanner lids.
### 4. Technical Characteristics
* **Torque vs. Speed:** The resistance increases as the rotation speed increases. This is a linear relationship defined by the silicone's viscosity.
* **Temperature Sensitivity:** Because it relies on fluid, the damping force becomes stronger in cold environments and weaker in hot environments.
* **Durability:** Rated for approximately 50,000 to 100,000 cycles depending on the load.
---
- ⤷
How does the damping direction (R vs L) affect the installation?
- ⤷ What is the specific gear module and pressure angle for the FRT-G1 series?
- ⤷ How can you adjust the torque if the damper is too stiff?