FRT-CA-R
AI

Based on the technical nomenclature commonly found in industrial electronics and automation, the **FRT-CA-R** typically refers to a specific series of **High-Precision Friction Torque Testers** or related rotary sensor components used in quality control for small electronic parts.
Below is a breakdown of the electronic and structural parts associated with this type of device.
---
### 1. Core Electronic Components
The FRT-CA-R system integrates several key electronic modules to measure and process torque data:
| Component | Description | Function |
| :--- | :--- | :--- |
| **Strain Gauge Bridge** | High-sensitivity resistive elements. | Converts physical torque into a micro-voltage signal. |
| **A/D Converter** | Analog-to-Digital conversion unit. | Translates analog signals into digital data for processing. |
| **Microprocessor (MCU)** | Central processing unit. | Handles data calculation, calibration, and zero-point adjustment. |
| **Rotary Encoder** | Optical or magnetic sensor. | Monitors the angle of rotation or speed during the test. |
| **LCD/LED Display** | Digital interface. | Shows real-time torque values (typically in mN·m or N·cm). |
---
### 2. Physical & Electromechanical Interface
The "CA-R" designation often refers to the specific wiring and connector configuration:
* **Connector (R-Type):** Usually signifies a **Circular Aviation Connector** or a specific RS-232C/USB interface used for data logging to a PC.
* **Drive Motor:** A precision DC or Stepper motor that provides constant rotational speed for consistent measurement.
* **Safety Circuitry:** Overload protection sensors that cut power if the torque exceeds the rated capacity of the load cell.
---
### 3. Technical Specifications (Typical)
Electronic components in the FRT-CA-R series are designed for extreme sensitivity:
```json
{
"Device_Series": "FRT-CA-R",
"Measurement_Range": "0.1 to 100 mN·m (Model dependent)",
"Accuracy": "±0.5% of Full Scale",
"Sampling_Rate": "1 kHz",
"Power_Source": "AC 100-240V or Battery DC 9V",
"Output_Signal": "Digital (USB/RS-232) and Analog (0-2V DC)"
}
```
---
### 4. Applications
The electronic parts of this device are specifically calibrated for:
1. **Potentiometer Testing:** Measuring the rotational friction of electronic knobs.
2. **Hinge Testing:** Checking the resistance in laptop or smartphone foldable parts.
3. **Small Motor Analysis:** Measuring the starting torque of micro-motors.
- ⤷
What is the maximum torque capacity for the FRT-CA-R model?
- ⤷ How do I calibrate the strain gauge bridge in this device?
- ⤷ Does the FRT-CA-R support real-time data graphing via USB?