công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FRT-AA-R/Q

  • AI
    The **FRT-AA-R/Q** refers to a specific series of miniature rotary dampers, commonly used in automotive interiors (glove boxes, armrests) and consumer electronics (CD trays, lids). These components are mechanical in function but are often integrated into electronic assemblies to provide "soft-close" or controlled motion. Below is an explanation of the parts and specifications related to this series. --- ### 1. Component Overview The FRT-AA-R/Q is a **one-way or two-way rotary damper**. It uses high-viscosity silicone oil to generate resistance against rotation. | Feature | Specification / Detail | | :--- | :--- | | **Model Type** | FRT-AA (Standard Series) | | **Suffix R/Q** | Indicates rotation direction (Clockwise / Counter-clockwise / Both) | | **Operating Temp** | -10°C to +60°C | | **Damping Material** | Silicone Oil | | **Housing Material** | Polycarbonate (PC) or Polyacetal (POM) | --- ### 2. Physical Structure & Electronic Integration While the part itself does not contain circuitry, its integration into electronic devices involves several critical mechanical-electronic interfaces: * **The Rotor (Shaft):** Usually geared (cogged). This connects to the motor-driven gear or the manual hinge of an electronic device. * **Viscous Core:** A sealed chamber containing silicone oil. As the electronic door opens, the rotor moves through the oil, creating a smooth, "premium" feel. * **Mounting Interface:** Designed for PCB-adjacent mounting or integration into the plastic chassis of electronic housings. --- ### 3. Technical Specifications The "R" and "Q" suffixes often denote the torque rating or the directionality of the damping force. | Model Suffix | Torque Range (N·m) | Damping Direction | | :--- | :--- | :--- | | **-R** | 0.2 ~ 1.0 (Approx) | Right-handed (Clockwise) | | **-L** | 0.2 ~ 1.0 (Approx) | Left-handed (Counter-clockwise) | | **-Q** | Varies | Two-way / Continuous Damping | --- ### 4. Common Applications in Electronics 1. **Optical Drives:** Controlling the ejection speed of a tray to prevent mechanical shock to the laser pickup. 2. **Smart Home Panels:** Used in flip-out touchscreens or wall-mounted control hubs to ensure they don't "slam" open. 3. **Audio Gear:** Used in high-end volume knobs (haptic damping) or cassette/CD door mechanisms. --- ### 5. Selection Diagram (Simplified) ```mermaid graph LR A[Input Force] --> B{Rotary Damper} B --> C[Viscous Resistance] C --> D[Smooth Output Motion] D --> E[Protect Sensitive Electronics] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and L versions in terms of installation?
    • ⤷ How does temperature affect the torque of the FRT-AA series?
    • ⤷ Can these dampers be used in high-speed motorized applications?