FRT-A0-R
AI

The **FRT-A0-R** is an electronic component primarily classified as a **Rotary Damper**. These parts are mechanical-electronic hybrids used to control the motion of moving parts (like lids, covers, or drawers) by providing resistive torque through viscous friction.
---
### 1. Technical Specifications
The FRT series is manufactured by companies like **Fuji Latex**. Below are the typical specifications for the "A0" variant:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | FRT-A0-R |
| **Direction of Torque** | Right (Clockwise) |
| **Rated Torque** | Fixed (Varies by sub-model, usually ~2.0 N·cm) |
| **Max Rotation Speed** | 50 RPM |
| **Operating Temp** | 0°C to 50°C |
| **Material** | Polycarbonate / Stainless Steel / Silicone Oil |
---
### 2. Physical Construction
The electronic integration of this part involves its housing and engagement mechanism:
* **Outer Housing:** Usually made of durable plastic (polycarbonate).
* **Internal Fluid:** High-viscosity **Silicone Oil**. The torque is generated by the shear force of this oil between the rotor and the stator.
* **The "R" Suffix:** Indicates the damping direction is **Right-handed (Clockwise)**. The counter-clockwise direction usually has a "One-Way Clutch" mechanism that allows it to spin freely.
---
### 3. Applications in Electronics
While the part is mechanical in nature, it is essential in the assembly of electronic hardware to prevent mechanical shock and noise:
1. **Consumer Electronics:** Used in CD/DVD player trays and cassette decks to ensure smooth ejection.
2. **Computing:** Integrated into laptop screen hinges or pop-up camera modules.
3. **Appliances:** Soft-close mechanisms for washing machine lids or control panel covers.
4. **Automotive:** Used in glove boxes, ashtrays, and center console storage compartments.
---
### 4. Installation & Usage
To integrate the FRT-A0-R into a circuit or housing, engineers must account for the **Gear Pitch** and **Module**.
```markdown
- Module: 0.6 to 1.0 (Standard for FRT series)
- Number of Teeth: Usually 10 or 11
- Mounting: Snap-fit or Screw-on depending on the bracket type
```
---
- ⤷What is the difference between the FRT-A0-R and the FRT-A0-L?
- ⤷ How does temperature affect the torque of a rotary damper?
- ⤷ What are the common failure modes of silicone oil-based dampers?