FRT-32-R/Q
AI

The **FRT-32-R/Q** is a precision-engineered rotary damper, typically categorized as a mechanical/electronic hardware component. It is widely used in electronic enclosures and consumer devices to provide smooth, controlled motion (soft-closing or soft-opening).
### 1. Technical Specifications
Below are the primary technical characteristics for the FRT series:
| Feature | Specification |
| :--- | :--- |
| **Damper Type** | Rotary / Partial Rotation |
| **Torque Range** | 20 to 50 N·cm (Variable by model) |
| **Material** | Polycarbonate (PC) / Polyacetal (POM) |
| **Fluid Type** | Silicone Oil |
| **Rotation Angle** | 360° (Continuous) |
| **Operating Temperature** | -10°C to +50°C |
---
### 2. Internal Components & Mechanics
Although the FRT-32-R/Q functions as a mechanical part, its role in electronic assemblies is critical for structural integrity and user experience:
* **Rotor:** The internal rotating element that creates resistance.
* **Stator (Housing):** The outer body that remains fixed to the device frame.
* **Silicone Oil:** A high-viscosity fluid that provides the "damping" effect. The resistance is generated by the shear force of this oil as the rotor turns.
* **O-Ring/Seal:** Prevents the leakage of silicone oil, ensuring the part remains maintenance-free over thousands of cycles.
---
### 3. Electronic System Applications
In the context of electronic devices, the FRT-32-R/Q is commonly found in:
1. **Optical Drives & Trays:** Controlling the ejection speed of CD/DVD/Blu-ray trays to prevent mechanical shock.
2. **Control Panels:** Used in flip-down panels on printers, car stereos, or home appliances to give a "premium" feel.
3. **Battery Compartments:** Allowing covers to open slowly to prevent the door from snapping or breaking.
4. **Audio Gear:** Damping the motion of cassette decks or turntable lids.
---
### 4. Key Differentiators (R vs. Q)
* **"R" Suffix:** Usually denotes the **direction of torque**. In many series, "R" stands for Clockwise damping.
* **"Q" Suffix:** Often refers to specific **mounting configurations** or a "Quick-mount" gear variant, though this can vary slightly by the specific manufacturer (e.g., Fuji Latex).
---
- ⤷
What are the specific torque values for the FRT-32 model?
- ⤷ How do I calculate the required torque for a lid using this damper?
- ⤷ Are there bi-directional versions of the FRT-32 damper?