công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FRS-R-50

  • AI
    ## Understanding the FRS-R-50 Fuse The **FRS-R-50** is a specific model of industrial-grade electrical fuse. It belongs to the **Fusetron™** series manufactured by Eaton (Bussmann Division). Below is a detailed breakdown of its electronic and mechanical specifications. ### 1. Technical Specifications The following table outlines the primary electrical characteristics of the FRS-R-50: | Feature | Specification | | :--- | :--- | | **Current Rating** | 50 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating (AC)** | 200,000 Amps RMS Symmetrical | | **Interrupting Rating (DC)** | 20,000 Amps | | **Fuse Class** | Class RK5 | | **Type** | Dual-Element, Time-Delay | | **Body Material** | Fiberglass tube with brass end caps | --- ### 2. Key Electronic Features #### A. Dual-Element Design The FRS-R-50 is a **dual-element** fuse, meaning it contains two distinct components working in series: 1. **Thermal Cutout:** Handles low-level overloads. It has a specific time-lag to prevent "nuisance tripping" caused by temporary surges (like motor startups). 2. **Short-Circuit Element:** A fast-acting component designed to open instantly if a massive surge (short circuit) occurs. #### B. Time-Delay Functionality This fuse is engineered to ignore momentary current spikes. For example, when an electric motor starts, it can pull 5-6 times its normal running current. The FRS-R-50 will hold this surge for a minimum of **10 seconds at 500% of its rated current**, preventing unnecessary power interruptions. #### C. Current Limitation Despite being a "time-delay" fuse, under short-circuit conditions, it acts as a **current-limiting** device. It clears the fault so quickly that it prevents the peak current from reaching its full destructive potential, protecting downstream components like sensitive electronic controllers or breakers. --- ### 3. Physical Dimensions and Mounting The FRS-R-50 is a "cartridge" style fuse. * **Size:** Standard RK5 600V dimensions (approximately 1.06 inches in diameter and 7.88 inches in length). * **Rejection Feature:** The "-R" in the part number indicates a rejection notch in the blade. This ensures that only a high-interrupting Class R fuse can be installed in a Class R fuse holder, preventing the accidental installation of lower-rated fuses. --- ### 4. Common Applications * **Motor Branch Circuits:** Providing both overload and short-circuit protection. * **Transformers:** Handling the high "inrush" current when a transformer is first energized. * **Main Service Switches:** Used in industrial panels to protect the entire system. * **Inductive Loads:** Any circuit with high magnetic coils or motors.
    ✨ Follow-up Questions
    • ⤷What is the difference between an RK5 and an RK1 fuse?
    • ⤷ Can an FRS-R-50 be used in a 240V circuit?
    • ⤷ How do I test if an FRS-R-50 fuse has blown?