FRS-R-400
AI

## FRS-R-400 Fuse Overview
The **FRS-R-400** is a heavy-duty, current-limiting time-delay fuse belonging to the **Fusetron™** series manufactured by Eaton (Bussmann Division). It is specifically designed for industrial and commercial electrical systems to protect circuits from overcurrent and short-circuit damage.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Series** | Fusetron™ FRS-R |
| **Amperage Rating** | 400 Amps |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating (AC)** | 200,000 Amps RMS Symmetrical |
| **Interrupting Rating (DC)** | 20,000 Amps |
| **Class** | RK5 |
| **Fuse Type** | Time-Delay / Dual-Element |
---
### 2. Key Internal Components & Design
The FRS-R-400 is a **Dual-Element** fuse, meaning it contains two distinct components designed to handle different types of electrical faults:
1. **Thermal Cutout (Time-Delay Element):**
* This part handles low-level overloads.
* It consists of a spring-loaded mechanism held by a calibrated solder joint. If the current exceeds 400A slightly for a prolonged period, the heat melts the solder, and the spring pulls the circuit open.
* **Benefit:** Prevents "nuisance blowing" caused by temporary motor start-up surges.
2. **Instantaneous Element (Short-Circuit Protection):**
* This consists of a notched copper link surrounded by granular silica sand (arc-quenching material).
* In the event of a high-magnitude short circuit, the links melt instantly.
* **Benefit:** Provides extremely fast response to protect downstream equipment from catastrophic failure.
3. **The Rejection Feature (R-Rating):**
* The "R" in FRS-R signifies a physical rejection feature. The fuse has a specific groove in one of the end caps.
* This ensures it can only be installed in Class R fuse holders, preventing someone from accidentally replacing it with a lower-rated or non-current-limiting fuse.
---
### 3. Common Applications
* **Motor Protection:** Ideal for motors with high inrush currents, as the time-delay feature allows the motor to start without blowing the fuse.
* **Main Feeders:** Used in large electrical distribution panels.
* **Branch Circuits:** Protection for heavy industrial machinery.
* **Transformer Protection:** Safeguards the primary and secondary sides of power transformers.
---
### 4. Summary of Benefits
* **Current Limiting:** Reduces the "let-through" energy during a short circuit, protecting delicate electronic components.
* **Dual-Element Versatility:** Provides a "2-in-1" protection scheme for both long-term thermal overloads and immediate magnetic shorts.
* **High Interrupting Capacity:** Can safely shut down massive electrical faults up to 200kA.
- ⤷
What is the difference between a Class RK5 and a Class RK1 fuse?
- ⤷ Can the FRS-R-400 be used in 250V systems?
- ⤷ How do I test if an FRS-R-400 fuse is blown using a multimeter?