công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FRS-R-1410

  • AI
    ## FRS-R-14/10: Electronic and Mechanical Overview The **FRS-R-14/10** is a specific model of a **Fusetron™ dual-element, time-delay Class RK5 fuse**, manufactured by Eaton (Bussmann Series). It is designed to provide high-level protection for electrical circuits and motor loads. ### 1. Technical Specifications Below is a breakdown of the electronic ratings for the FRS-R-14/10: | Parameter | Specification | | :--- | :--- | | **Amperage Rating** | 1.4 Amps (1-4/10A) | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating (AC)** | 200,000 Amps RMS Symmetrical | | **Interrupting Rating (DC)** | 20,000 Amps | | **Class** | RK5 | | **Type** | Dual-Element, Time-Delay | --- ### 2. Key Electronic Features #### Dual-Element Design The "electronic" functionality of this fuse is unique because it contains two distinct components inside a single body: 1. **Thermal Element:** Handles low-level overloads. It has a time-delay feature that allows temporary surges (like motor starting currents) to pass without blowing the fuse. 2. **Short-Circuit Element:** A high-speed element that reacts instantly to heavy faults (short circuits), clearing the circuit in a fraction of a second. #### Time-Delay Characteristics The FRS-R-14/10 is engineered to hold **500% of its rated current for a minimum of 10 seconds**. This is critical for inductive loads like motors or transformers that require a high "in-rush" current to start. #### Current Limitation As a Class RK5 fuse, it is "current-limiting." When a massive short circuit occurs, the fuse interrupts the current so quickly that the peak current never reaches its full potential, protecting downstream components from electromagnetic and thermal stress. --- ### 3. Physical & Material Composition | Part | Material / Description | | :--- | :--- | | **Body Material** | Fiber tube (High-grade phenolic or glass polyester) | | **End Caps** | Brass or Bronze (Gold-tone/Yellow finish) | | **Size/Dimensions** | Standard 600V, 0-30A frame size (approx. 5 inches long) | | **Rejection Feature** | The "R" in FRS-R signifies a notch in the end cap to prevent installation of non-current-limiting fuses into the holder. | --- ### 4. Common Applications * **Motor Protection:** Used in motor control centers to prevent burnout from sustained overloads. * **Transformer Protection:** Handles the magnetizing in-rush current. * **Branch Circuit Protection:** General-purpose protection for industrial power systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK1 and an RK5 fuse like the FRS-R?
    • ⤷ Can this fuse be used in a 250V circuit even though it is rated for 600V?
    • ⤷ How do I test if an FRS-R-14/10 fuse is blown using a multimeter?