FRN-R-450
AI

The **FRN-R-450** is a specific model of industrial power fuse. It belongs to the **Fusetron™** series manufactured by **Bussmann (Eaton)**. This component is designed for high-current protection in electrical circuits.
### 1. Technical Specifications
The following table summarizes the key electrical characteristics of the FRN-R-450:
| Feature | Specification |
| :--- | :--- |
| **Model Number** | FRN-R-450 |
| **Current Rating** | 450 Amperes |
| **Voltage Rating** | 250 Volts AC (up to 125 VDC) |
| **Interrupting Rating** | 200,000 Amps RMS Symmetrical (AC) |
| **Fuse Class** | Class RK5 |
| **Response Characteristic** | Dual-Element, Time-Delay |
| **Physical Size** | Large blade-style cartridge |
---
### 2. Key Design Elements
#### Dual-Element Construction
Unlike a standard single-link fuse, the FRN-R-450 contains two distinct components:
1. **Thermal Element:** Handles long-term overloads (e.g., a motor stalling). It allows the fuse to "wait" for brief surges without blowing.
2. **Magnetic/Instantaneous Element:** Acts immediately if a catastrophic short circuit occurs.
#### Time-Delay Function
This part is specifically engineered to handle **inrush current**. When large motors or transformers start up, they briefly pull much more current than their running rating. The FRN-R-450 will not blow during these normal 1-10 second surges, preventing "nuisance tripping."
#### Class RK5 Rejection Feature
The "R" in the part number signifies a rejection feature. The fuse has a specific physical notch in the blade. This prevents a user from accidentally replacing it with a lower-rated fuse (like a Class H) that cannot handle the same level of short-circuit energy.
---
### 3. Common Applications
The FRN-R-450 is primarily used in heavy industrial and commercial settings:
* **Motor Branch Circuits:** Providing both overcurrent and short-circuit protection.
* **Main Service Disconnects:** Used in the primary power entrance of a building.
* **Transformer Protection:** Guarding against internal faults.
* **General Purpose Feeders:** Protecting large gauge wiring from overheating.
---
### 4. Visual Identification Code
```text
FRN - R - 450
| | |
| | +-- Amperage (450 Amps)
| +------- Rejection Style (RK5)
+------------ Fusetron (250V Dual-Element)
```
- ⤷What is the difference between a Class RK1 and a Class RK5 fuse like the FRN-R-450?
- ⤷ How do you test if an FRN-R-450 fuse has blown using a multimeter?
- ⤷ What is the recommended fuse holder for a 450 amp blade-style fuse?