công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FRN-R-300

  • AI
    ## Technical Overview of the FRN-R-300 The **FRN-R-300** is a specific model of high-performance industrial fuse. It belongs to the **Fusetron™** series manufactured by Eaton (Bussmann Division). This part is classified as a **Class RK5** dual-element, time-delay fuse. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Amperage Rating** | 300 Amps | | **Voltage Rating (AC)** | 250 VAC | | **Voltage Rating (DC)** | 125 VDC | | **Interrupting Rating** | 200,000A RMS Symmetrical (AC) / 20,000A (DC) | | **Class** | RK5 | | **Type** | Dual-Element, Time-Delay | | **Physical Size** | Large "Blade" Style (NEMA standard for 300A) | --- ### 2. Functional Components and Design The FRN-R-300 is not a simple wire filament; it is a sophisticated electromechanical protection device. * **Dual-Element Construction:** * **Thermal Element:** Handles low-level overloads. It utilizes a spring-loaded mechanism that triggers if the temperature rises above a certain threshold for a sustained period. * **Instantaneous Magnetic/Short-Circuit Element:** Designed to react immediately (within milliseconds) to high-magnitude short circuits. * **Time-Delay Feature:** This part is engineered to ignore "nuisance" surges, such as the initial inrush current when a large industrial motor starts. It provides a minimum 10-second delay at 500% of the rated current. * **Current Limitation:** Because it is an RK5 fuse, it has a high degree of current limitation, which protects downstream components by preventing the full energy of a short circuit from passing through. --- ### 3. Common Applications The FRN-R-300 is primarily found in heavy-duty electrical distribution systems: 1. **Motor Protection:** Used in motor control centers (MCCs) to protect motors against overloads and ground faults. 2. **Branch Circuit Protection:** Installed in power panels to protect the wiring of a specific building wing or machinery group. 3. **Transformer Protection:** Shields the secondary side of transformers from excessive heat and current spikes. 4. **General Purpose Circuits:** Used anywhere a 300A load requires a high interrupting capacity to prevent catastrophic equipment failure. --- ### 4. Comparison: FRN-R vs. FRS-R | Part Number | Voltage Limit | Primary Use Case | | :--- | :--- | :--- | | **FRN-R-300** | 250 Volts | Low voltage industrial/commercial systems. | | **FRS-R-300** | 600 Volts | High voltage industrial applications (480V/600V). |
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK1 and an RK5 fuse like the FRN-R-300?
    • ⤷ Can the FRN-R-300 be used in a DC circuit safely?
    • ⤷ What specific fuse holder is required for a 300A Class RK5 fuse?