FRN-R-3-2SLASH10
AI

The **FRN-R-3-2/10** (often written as FRN-R-3.2 or 3-2/10) is a specific type of industrial power fuse. It belongs to the **Fusetron™** series manufactured by Eaton’s Bussmann Division.
Below is a breakdown of its technical specifications and electronic components.
---
## 1. Part Number Breakdown
Understanding the nomenclature is key to identifying its capabilities:
| Component | Meaning | Description |
| :--- | :--- | :--- |
| **FRN-R** | Class RK5 | Dual-element, time-delay fuse (National Electrical Code Class RK5). |
| **3-2/10** | 3.2 Amperes | The continuous current rating of the fuse. |
| **250V** | Voltage Rating | Rated for AC systems up to 250 Volts. |
---
## 2. Technical Specifications
This fuse is designed for power distribution and motor protection rather than small electronic PCBs.
* **Current Rating:** 3.2 Amps
* **Voltage Rating:** 250 VAC (standard), 125 VDC (often rated for DC as well)
* **Interrupting Rating (IR):** 200,000 Amps RMS Symmetrical (at 250V).
* **Element Type:** Dual-Element (Time-Delay).
* **Physical Size:** 2-inch length x 9/16-inch diameter (Standard Cartridge).
---
## 3. Key Features & Internal Design
### Dual-Element Construction
Unlike a standard "fast-acting" fuse, the FRN-R-3-2/10 contains two distinct internal components:
1. **Thermal Cutout:** Handles low-level overloads. It has a "time-delay" feature that allows temporary surges (like a motor starting up) to pass without blowing the fuse.
2. **Instantaneous Element:** A notched copper or silver link that reacts immediately to heavy short-circuit currents to prevent catastrophic equipment damage.
### Rejection Feature
The "**R**" in FRN-R stands for **Rejection**. The end caps are designed with a specific physical groove. This prevents a user from accidentally replacing it with a lower-rated fuse (like a Class H fuse) that cannot handle the same level of short-circuit current.
---
## 4. Typical Applications
Because of its 3.2A rating and time-delay characteristics, it is most commonly found in:
* **Small Motor Branch Circuits:** Protecting motors that have a high "inrush" current but a low steady-state run current.
* **Control Transformers:** Protecting the primary or secondary side of industrial transformers.
* **Solenoids:** Where momentary high current is required to actuate a valve.
---
- ⤷
What is the difference between an RK1 and an RK5 fuse like the FRN-R?
- ⤷ Can I use an FRN-R fuse in a DC circuit?
- ⤷ Why would I choose a time-delay fuse over a fast-acting fuse for a motor?