FR1P-R100-CT
AI

## Analysis of the FR1P-R100-CT Electronic Part
The **FR1P-R100-CT** is a specialized electronic component, typically categorized as a **Fast Recovery Rectifier Diode**. These components are essential in power management circuits where high-speed switching and efficiency are required.
---
### 1. Technical Specifications
Below are the primary technical characteristics associated with this part:
| Parameter | Typical Value |
| :--- | :--- |
| **Component Type** | Fast Recovery Rectifier |
| **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 100V |
| **Average Forward Current ($I_{F(AV)}$)** | 1A |
| **Reverse Recovery Time ($t_{rr}$)** | < 150ns (Standard for FR series) |
| **Package Type** | Surface Mount (often SOD-123 or SMA) |
| **Operating Temperature** | -55°C to +150°C |
---
### 2. Key Features
* **Fast Switching:** Designed to transition from a conducting state to a non-conducting state very quickly, reducing power loss during high-frequency operation.
* **Low Forward Voltage Drop:** Minimizes heat generation and improves efficiency in low-voltage power supplies.
* **SMD Compatibility:** The "CT" suffix often refers to "Cut Tape," indicating it is packaged for automated surface mount assembly (pick-and-place machines).
* **High Reliability:** Built to handle transient voltage spikes in industrial and consumer electronics.
---
### 3. Common Applications
This part is widely used in circuits where DC current needs to be controlled or converted:
1. **Switching Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC back to DC.
2. **DC-DC Converters:** Acts as a freewheeling diode to protect switching transistors.
3. **Polarity Protection:** Prevents damage to sensitive electronics if a battery or power source is connected backwards.
4. **Inverters:** Manages current flow in solar or UPS systems.
---
### 4. Part Number Breakdown (Typical)
* **FR:** Fast Recovery.
* **1:** Denotes 1 Ampere current rating.
* **P:** Often denotes a specific package variant or lead-free status.
* **100:** Represents the 100V Peak Reverse Voltage rating.
* **CT:** Indicates the packaging format (Cut Tape).
- ⤷
What is the difference between a Fast Recovery Diode and a Schottky Diode?
- ⤷ Can the FR1P-R100-CT be used in high-voltage AC rectification?
- ⤷ What are the recommended PCB footprints for this component?