FR107GP-Z41-R
AI

The **FR107GP-Z41-R** is a specific variant of the FR107 series, which is a **Fast Recovery Rectifier Diode**. This component is designed to convert alternating current (AC) to direct current (DC) with high efficiency, particularly in high-speed switching environments.
---
### 1. Key Specifications
The technical parameters define how much voltage and current the diode can handle before failure.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Part Number** | FR107GP-Z41-R | Specific Manufacturer Part ID |
| **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 1000V | Maximum voltage it can block in reverse. |
| **Average Forward Current ($I_{F(AV)}$)** | 1.0A | Maximum continuous current flow. |
| **Reverse Recovery Time ($t_{rr}$)** | 500ns | Speed at which it stops conducting when reversed. |
| **Forward Voltage Drop ($V_F$)** | 1.3V | Voltage lost across the diode when conducting. |
| **Package Type** | DO-41 | Through-hole axial leaded package. |
---
### 2. Breakdown of the Part Suffixes
In electronic components, the letters following the base part number (FR107) often indicate material or packaging details:
* **GP:** Usually stands for **Glass Passivated**. This means the silicon chip is covered with a layer of glass for better chemical stability and lower leakage current.
* **Z41:** This is typically a manufacturer-specific code for the **Lead-Bend** style or a specific internal packaging configuration.
* **R:** Generally indicates that the part is compliant with **RoHS** (Restriction of Hazardous Substances) or relates to **Tape & Reel** packaging.
---
### 3. Core Functions
The FR107 series is chosen over standard diodes (like the 1N4007) for specific reasons:
1. **Fast Switching:** Because it has a $t_{rr}$ of 500ns, it can handle higher frequencies without overheating, unlike standard recovery diodes.
2. **High Voltage Tolerance:** With a 1000V rating, it is suitable for mains-connected power supplies.
3. **Rectification:** Its primary job is to ensure current only flows in one direction.
---
### 4. Common Applications
Due to its "Fast Recovery" nature, it is found in:
* **SMPS (Switched-Mode Power Supplies):** Used in the output rectification stage.
* **DC-DC Converters:** Managing energy flow at high frequencies.
* **Inverters:** Converting battery power back to AC.
* **Free-wheeling Diodes:** Protecting circuits from inductive spikes (back-EMF) in motor controllers.
---
### 5. Schematic Symbol
In a circuit diagram, it is represented as a standard diode:
```text
Anode (A) Cathode (K)
| |\ | |
------|-------| >|--------|------
|/ |
(Current Flow ->)
```
- ⤷
What is the difference between FR107 and 1N4007?
- ⤷ How does 'Glass Passivation' improve diode performance?
- ⤷ What are the thermal considerations for the DO-41 package?