FPV420-20-R050LS
AI

The **FPV420-20-R050LS** is a high-precision, low-resistance **Current Sense Resistor** (often referred to as a Shunt Resistor). These components are critical in power management systems for monitoring current flow by measuring the voltage drop across the resistor.
---
### 1. Key Technical Specifications
Based on the part number nomenclature (typically associated with manufacturers like Isabellenhütte or similar precision resistor specialists), here are the primary specifications:
| Parameter | Value / Description |
| :--- | :--- |
| **Resistance Value** | 50 mΩ (0.050 Ohms) |
| **Power Rating** | Typically 2W to 5W (Depending on heat sinking) |
| **Tolerance** | Usually ±1% or ±0.5% (High Precision) |
| **Temperature Coefficient (TCR)** | Very Low (e.g., < 50 ppm/K) |
| **Package / Form Factor** | SMD (Surface Mount Device) |
| **Technology** | Metal Foil or Manganese-Copper Alloy |
---
### 2. Functional Breakdown
The part is designed for **Kelvin Connection (4-Terminal)** sensing, which is why it is often used in sensitive electronic circuits.
* **R050 Marking:** This indicates the resistance value. "R" acts as the decimal point, followed by the value in Ohms (0.050).
* **Low Inductance:** Because these are often used in high-frequency switching power supplies, they are designed with negligible inductance to prevent signal distortion.
* **Thermal Stability:** The "LS" suffix often refers to a specific lead style or low-stress construction, ensuring the resistance doesn't drift as the component heats up during operation.
---
### 3. Common Applications
This specific part is typically found in the following electronic modules:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium batteries.
2. **DC-DC Converters:** Providing feedback loops for current-mode control.
3. **Motor Controllers:** Detecting over-current conditions to protect the motor and FETs.
4. **Power Inverters:** Used in renewable energy systems (Solar/Wind) to measure output current.
---
### 4. Circuit Implementation
To use this part, it is placed in series with the load. The voltage ($V$) is measured across it, and the current ($I$) is calculated using Ohm’s Law:
`I = V / R`
```cpp
// Example: Current Calculation in Firmware
float shuntResistance = 0.050; // 50 mOhms
float measuredVoltage = get_adc_voltage();
float currentAmps = measuredVoltage / shuntResistance;
```
- ⤷
What is the maximum current capacity for this 50 mOhm resistor?
- ⤷ How does a 4-terminal Kelvin connection improve measurement accuracy?
- ⤷ What are the recommended footprint dimensions for soldering this component?