FPV420-20-R050FS
AI

The **FPV420-20-R050FS** is a specific surface-mount electronic component, typically categorized as a **Chip Shunt Resistor** or a **Current Sense Resistor**. It is designed to measure current by monitoring the voltage drop across its resistive element.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
Based on the part number nomenclature, the primary attributes are defined as follows:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Metal Foil Shunt | High-precision, low-resistance alloy |
| **Case Size** | 4020 (Metric) | Large footprint for high heat dissipation |
| **Resistance Value** | 50 mΩ (0.050Ω) | Identified by "R050" |
| **Tolerance** | ±1% (F) | High precision for measurement accuracy |
| **Power Rating** | High Power | Typically ranges from 3W to 7W depending on cooling |
| **TCR** | Low Temp Coefficient | Minimizes resistance drift as the part heats up |
---
### 2. Internal Construction
The "FPV" series generally utilizes a **Metal Plate / Metal Alloy** construction rather than a thick-film paste. This provides several electronic advantages:
* **Low Inductance:** Necessary for high-frequency switching environments (like motor controllers).
* **High Pulse Capability:** Can withstand short bursts of high current without burning out.
* **Heat Dissipation:** The large 4020 footprint allows heat to transfer efficiently to the PCB copper planes.
---
### 3. Application Circuits
This component is commonly found in power electronics. Its primary role is **Current Sensing**.
#### Common Use Cases:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge rates of Li-ion packs.
2. **Motor Drivers:** Providing feedback to the controller to prevent over-current conditions.
3. **DC-DC Converters:** Sensing output current for regulation.
#### Implementation Example (Ohm's Law):
If you are passing **10 Amperes** through this resistor:
```python
# V = I * R
Current = 10 # Amps
Resistance = 0.050 # Ohms (50mR)
Voltage_Drop = Current * Resistance
# Result: 0.5 Volts (500mV) sensed by the ADC
```
---
### 4. Handling and Soldering
* **Mounting:** Being an SMD (Surface Mount Device), it requires precise solder paste application.
* **Kelvin Connection:** To achieve the 1% accuracy, it is highly recommended to use a **4-terminal (Kelvin)** PCB layout. This ensures the voltage is measured directly across the resistor body, excluding the resistance of the solder joints and PCB traces.
---
- ⤷What is the maximum current rating for the FPV420-20-R050FS?
- ⤷ How do I implement a Kelvin connection layout for this resistor?
- ⤷ What are the alternatives to metal foil resistors for current sensing?