FPV325-30-R050WM
AI

The **FPV325-30-R050WM** is a specialized precision sensing component, typically identified as a **Metal Foil Shunt Resistor** or a **Current Sense Resistor**. These components are critical in power management circuits for measuring current flow with high accuracy.
---
### Technical Specifications
Below is a breakdown of the electronic characteristics typically associated with this part number:
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Metal Foil Low-Ohmic Shunt Resistor |
| **Resistance Value** | 50 mΩ (0.050Ω) |
| **Tolerance** | Usually ±1% or ±0.5% (indicated by suffix) |
| **Power Rating** | 0.5 Watts to 1.0 Watts (Package dependent) |
| **Temperature Coefficient** | Low TCR (typically < 50 ppm/°C) |
| **Package Style** | Surface Mount (SMD), often 1206 or 2512 equivalent |
---
### Key Electronic Functions
1. **Current Sensing (Ohm’s Law):**
The part is placed in series with a load. As current ($I$) passes through the 50mΩ resistance ($R$), it creates a small voltage drop ($V$). By measuring this voltage ($V = I \times R$), a microcontroller or power IC can calculate the exact current.
2. **Heat Dissipation:**
Because it acts as a shunt, it must handle power dissipation ($P = I^2R$). The "FPV" series is designed with metal foil technology to remain stable even as it heats up.
3. **Inrush Current Protection:**
These resistors are often robust enough to handle short bursts of high current without shifting their resistance value permanently.
### Common Applications
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs.
* **DC-DC Converters:** Providing feedback loops for current-mode PWM controllers.
* **Motor Control:** Detecting stall conditions or controlling torque in small robotics.
* **LED Drivers:** Ensuring constant current is delivered to high-power LEDs.
---
### Comparison: Metal Foil vs. Thick Film
| Feature | Metal Foil (FPV Series) | Standard Thick Film |
| :--- | :--- | :--- |
| **Accuracy** | High | Medium/Low |
| **Stability** | Excellent over time | May drift with heat |
| **Noise** | Extremely Low | Moderate |
---
- ⤷What is the specific tolerance rating for the R050WM variant?
- ⤷ How does the temperature coefficient affect current readings in this resistor?
- ⤷ What are the recommended PCB landing patterns for FPV series resistors?