công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPV325-30-R050LM

  • AI
    The **FPV325-30-R050LM** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Power Shunt Resistor**. These parts are primarily used for high-precision current sensing in power electronics. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Characteristic | Specification | Description | |:---|:---|:---| | **Type** | Power Shunt / Current Sense | Designed to measure current by measuring voltage drop. | | **Package Size** | 3225 (Metric) / 1210 (Imperial) | Dimensions are approximately 3.2mm x 2.5mm. | | **Resistance Value** | 50 mΩ (R050) | The low resistance minimizes power loss while sensing. | | **Power Rating** | 0.5W to 1W (Typical) | Depending on the specific series thermal management. | | **Tolerance** | ±1% or ±5% (LM Suffix) | "LM" often denotes specific tolerance and material grades. | --- ### 2. Internal Composition Unlike standard thick-film resistors, these shunt resistors are built using specialized materials to ensure stability: * **Resistive Element:** Usually a metal alloy (like Manganese-Copper or Nickel-Chrome) which provides a low Temperature Coefficient of Resistance (TCR). * **Substrate:** Ceramic or thermally conductive material to dissipate heat quickly. * **Terminations:** Large metal contact pads to reduce "parasitic resistance" that could interfere with the measurement. --- ### 3. Functional Application In an electronic circuit, the FPV325-30-R050LM acts as a bridge. By placing it in series with a load, engineers can use **Ohm’s Law ($V = I \times R$)** to calculate the current flowing through the system. #### Common Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium batteries. 2. **Motor Control:** Detecting overcurrent conditions in DC motors. 3. **DC-DC Converters:** Providing feedback for voltage regulation loops. 4. **Power Inverters:** Used in renewable energy systems to track power output. --- ### 4. Key Advantages * **Low Inductance:** Necessary for high-frequency switching environments. * **High Stability:** Maintains accuracy even as the component heats up during operation. * **Space Efficient:** The 1210 (3225) footprint is small enough for modern compact PCB designs.
    ✨ Follow-up Questions
    • ⤷What is the Temperature Coefficient (TCR) for this specific series?
    • ⤷ How do I calculate power dissipation for a 50mΩ resistor?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this part?