công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPP-21-R

  • AI
    The **FPP-21-R** is a specific model of a **Flat Panel Push-to-Talk (PTT)** switch, commonly utilized in aviation, military communication, and specialized industrial control systems. It is designed to be integrated into flat surfaces like control yokes or dashboards. --- ### 1. Technical Specifications The following table highlights the core electronic and physical attributes of the FPP-21-R: | Feature | Specification | | :--- | :--- | | **Switch Type** | Momentary (Normally Open) | | **Configuration** | SPST (Single Pole Single Throw) | | **Current Rating** | Typically 2A to 5A (low voltage DC) | | **Contact Material** | Gold or Silver plated for low resistance | | **Mounting** | Flush Mount / Flat Panel | | **Feedback** | Tactile "Click" (Momentary) | --- ### 2. Key Electronic Components The FPP-21-R is composed of several critical parts that ensure reliable electronic signal transmission: 1. **Contact Assembly:** * Internal pins that bridge the circuit when the button is depressed. * Usually features **debouncing geometry** to prevent multiple signals from one press. 2. **Actuator:** * The "plunger" or surface button. In the "R" variant (often denoting Red or Round depending on the specific manufacturer series), this is the interface the user interacts with. 3. **Spring Mechanism:** * Provides the return force to open the circuit immediately upon release. 4. **Wiring Terminals:** * Solder lugs or screw terminals located at the rear to connect to the radio or intercom system. --- ### 3. Functional Operation The FPP-21-R functions as a **normally open (NO)** gate. * **State 1 (Idle):** The circuit is open. No current flows. The radio remains in "Receive" mode. * **State 2 (Pressed):** The internal contacts meet. The circuit closes, sending a signal to the transceiver to switch from "Receive" to "Transmit" (TX). * **State 3 (Released):** The spring forces the contacts apart, breaking the circuit and returning the radio to "Receive" mode. --- ### 4. Common Applications * **Aviation:** Mounted on the pilot's yoke for hands-on-throttle-and-stick (HOTAS) communication. * **Racing:** Steering wheel mounted buttons for pit-crew communication. * **Military:** Integrated into vehicle control panels for tactical intercoms.
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for integrating the FPP-21-R into a standard aviation headset circuit?
    • ⤷ Are there waterproof or IP-rated versions of the FPP-21 series?
    • ⤷ How do I troubleshoot a 'sticky' or intermittent signal in this specific switch?