công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPM4184H-R010FAR

  • AI
    The **FPM4184H-R010FAR** is a high-precision, low-resistance **Current Sense Resistor** (Shunt Resistor). These components are critical in power management systems to monitor current flow by measuring the voltage drop across a known resistance. --- ## 1. Technical Specifications The following table summarizes the primary electrical and physical characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 10 mΩ (0.010 Ohms) | | **Power Rating** | Typically 3W - 5W (Depending on thermal management) | | **Tolerance** | ±1% (F-Grade) | | **Temperature Coefficient (TCR)** | ±50 ppm/°C or better | | **Technology** | Metal Plate / Manganin Alloy | | **Package Style** | Surface Mount (SMD) - High Power 4320/4184 metrics | | **Operating Temperature** | -55°C to +170°C | --- ## 2. Key Electronic Features ### A. Low Resistance (10mΩ) The extremely low resistance value minimizes power loss ($P = I^2 R$) and prevents excessive heat generation, making it ideal for high-current sensing without significantly dropping the supply voltage. ### B. Metal Plate Construction Unlike standard thick-film resistors, this part uses a solid metal alloy (often Manganin or Ni-Cr). This provides: * **Superior Pulse Loading:** Can handle short-term current spikes. * **High Stability:** Maintains resistance accuracy over long periods of use. ### C. Low Inductance The physical design is "non-inductive," which is crucial for high-frequency switching power supplies. High inductance would cause measurement errors during rapid current changes. --- ## 3. Common Applications This part is typically found in the "Power Path" of electronic circuits: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion battery packs. 2. **Motor Control:** Providing feedback to the controller to prevent over-current conditions and manage torque. 3. **DC-DC Converters:** Sensing output current for regulation and protection. 4. **Automotive Electronics:** Used in ADAS modules and power steering systems due to high reliability. --- ## 4. Typical Circuit Implementation In a standard application, the resistor is placed in series with the load. A **Current Sense Amplifier** or a microcontroller's ADC (Analog-to-Digital Converter) measures the differential voltage across the terminals. ```c // V_out = I_load * R_shunt // If I_load = 10A and R_shunt = 0.010 Ohms: // V_out = 10 * 0.010 = 100mV ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle based on its power rating?
    • ⤷ What are the recommended PCB layout practices for 4-terminal sensing with this part?
    • ⤷ How does the TCR (Temperature Coefficient) affect measurement accuracy in high-heat environments?