FPM4184H-R010BKP
AI

Based on the part number **FPM4184H-R010BKP**, this component belongs to the category of **High-Power Current Sensing Resistors** (often referred to as Shunt Resistors). These are specialized electronic parts used to measure current flow by monitoring the voltage drop across a known low resistance.
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Component Type** | Metal Plate Current Sense Resistor |
| **Series** | FPM Series (typically High Power/Metal Foil) |
| **Resistance Value** | 10 mΩ (0.010 Ohms) |
| **Tolerance** | ±1% (denoted by 'F' or 'K' in various coding schemes) |
| **Package / Case** | 4184 Metric (Large format for heat dissipation) |
| **Material** | Manganese-Copper or Ni-Cr alloy |
| **Termination** | 2-Terminal or 4-Terminal (Kelvin) design |
---
### 2. Key Electronic Characteristics
#### A. Power Rating and Heat Dissipation
The "4184" physical footprint is relatively large, indicating this part is designed for **high-wattage applications** (likely 3W to 5W or higher). The metal plate construction allows it to handle significant current without burning out, using the PCB as a heat sink.
#### B. Low Resistance (10mΩ)
The **R010** in the part number signifies 0.010 Ohms.
* **Purpose:** To minimize power loss ($P = I^2 \times R$) while providing enough voltage for an amplifier to read.
* **Example:** At 10 Amps, the voltage drop is $10A \times 0.01 \Omega = 100mV$.
#### C. Temperature Coefficient of Resistance (TCR)
Components like this usually have a very low TCR (e.g., < 50 ppm/°C). This ensures that as the resistor heats up due to high current, the resistance value remains stable, ensuring accurate measurements.
---
### 3. Common Applications
These parts are critical in power management circuits where monitoring energy consumption or protecting against overcurrent is necessary:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EV batteries or power tools.
2. **Motor Controllers:** Sensing phase current to control speed and torque.
3. **DC-DC Converters:** Providing feedback loops for voltage regulation.
4. **Inverters:** Managing power flow in solar or UPS systems.
---
### 4. Part Number Breakdown (Typical)
* **FPM:** Series identifier (Functional Precision Metal).
* **4184:** Physical dimensions (Length/Width).
* **H:** Likely denotes high-power rating or specific temperature range.
* **R010:** The resistance value ($R$ acts as decimal, $010 = 10$ milliohms).
* **BKP:** Packaging code (e.g., Bulk Pack or Tape & Reel).
- ⤷
What is the maximum current rating for this specific 10mΩ resistor?
- ⤷ How does a 4-terminal Kelvin connection improve sensing accuracy compared to this 2-terminal part?
- ⤷ What are the recommended PCB layout practices for high-power shunt resistors?