công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPM4182H-R010DAR

  • AI
    The **FPM4182H-R010DAR** is a specialized electronic component, typically categorized as a **High-Precision Current Sense Resistor** (Shunt Resistor). These components are critical in power management systems for measuring current flow with extreme accuracy. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (like Isabellenhütte or similar precision resistor brands). Below are the typical electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 10 mΩ (0.010 Ω) | The "R010" in the part number signifies 10 milliohms. | | **Power Rating** | High Power (Approx. 3W - 7W) | Designed to handle significant current without burning out. | | **Tolerance** | ±0.5% to ±1% | Ensures high precision in current measurement. | | **Temperature Coefficient (TCR)** | < 30 ppm/K | Resistance remains stable even as the part heats up. | | **Package / Type** | SMD (Surface Mount Device) | Designed for automated PCB assembly. | --- ## 2. Key Electronic Features ### A. Low Ohmic Value The 10mΩ resistance is intentionally low to minimize "Insertion Loss." By keeping resistance low, the component prevents a significant voltage drop across itself, ensuring the load receives maximum power. ### B. Kelvin Connection (4-Terminal) Capability Parts in this series often utilize or support a **4-terminal (Kelvin) sensing** layout. * Two terminals carry the main high current. * Two separate terminals measure the voltage drop. * **Benefit:** This eliminates the resistance of the PCB traces/solder from the measurement, ensuring only the resistor's value is sensed. ### C. Thermal Stability The "H" in the prefix often denotes a high-temperature or high-stability version. This part is engineered to maintain its 10mΩ value even under fluctuating thermal loads, which is essential for battery management systems (BMS). --- ## 3. Common Applications This part is commonly found in circuits where monitoring power consumption or protecting against overcurrent is required: 1. **Battery Management Systems (BMS):** Monitoring the charge and discharge cycles of Li-ion batteries. 2. **Motor Control:** Sensing the phase current to control the speed and torque of electric motors. 3. **DC-DC Converters:** Providing feedback loops for voltage regulation. 4. **Automotive Electronics:** Used in Electric Vehicle (EV) power modules for current sensing. --- ## 4. Measurement Logic (Ohm's Law) The electronic function of this part relies on the formula: `V = I × R` If the resistor is **10 mΩ (0.010 Ω)** and you measure a voltage drop of **10mV (0.010V)** across it, the electronic system knows that **1 Ampere** of current is flowing through the circuit.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the FPM4182H-R010DAR?
    • ⤷ How does a 4-terminal Kelvin connection improve accuracy in this resistor?
    • ⤷ What are the equivalent alternative parts for this specific shunt resistor?