công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPM4182H-R010DAQ

  • AI
    The **FPM4182H-R010DAQ** is a high-performance fingerprint sensor module. While specific datasheets are often proprietary to the manufacturer (Fingerprint Cards AB), these modules generally share a standardized electronic architecture designed for biometric security. --- ## 1. Core Electronic Components The module is an integrated system-on-chip (SoC) or a sensor-on-package assembly. Its electronics are divided into three primary layers: | Component Layer | Functionality | | :--- | :--- | | **Capacitive Sensor Grid** | A CMOS-based array that detects the electrical charge difference between the ridges and valleys of a fingerprint. | | **Analog Front-End (AFE)** | Converts the raw capacitive signals into digital data through high-precision ADCs (Analog-to-Digital Converters). | | **Digital Logic / MCU** | Handles image processing, encryption (AES/RSA), and communication protocols. | --- ## 2. Technical Specifications (General Profile) Based on the FPM series naming convention, the electronic characteristics typically include: * **Supply Voltage ($V_{DD}$):** Typically operates between **1.8V and 3.3V**. * **Interface:** Uses **SPI (Serial Peripheral Interface)** for high-speed data transfer to the host processor. * **Resolution:** Usually 500 DPI or higher to meet security standards. * **ESD Protection:** Integrated circuitry to protect against Electrostatic Discharge (often up to 15kV). * **Current Consumption:** * *Active Mode:* < 20mA. * *Sleep/Deep Sleep:* < 10µA (essential for mobile/battery devices). --- ## 3. Pin Configuration Overview The electronic interface is typically handled via a flexible printed circuit (FPC) connector. | Pin Label | Type | Description | | :--- | :--- | :--- | | **VDD / VCC** | Power | Main power supply for the sensor. | | **GND** | Ground | Common ground reference. | | **SPI_MOSI** | Data In | Master Out Slave In - Command data from CPU. | | **SPI_MISO** | Data Out | Master In Slave Out - Image data to CPU. | | **SPI_SCK** | Clock | Serial Clock signal. | | **IRQ / INT** | Output | Interrupt pin to wake the host when a finger is detected. | | **RST** | Input | Hardware reset pin. | --- ## 4. Operational Circuit Diagram (Conceptual) ```cpp // Typical Initialization Sequence for FPM Sensors void setup_sensor() { pinMode(SENSOR_CS, OUTPUT); pinMode(SENSOR_IRQ, INPUT); SPI.begin(); // Reset the sensor hardware digitalWrite(SENSOR_RST, LOW); delay(10); digitalWrite(SENSOR_RST, HIGH); // Check Communication if(checkID() == SENSOR_ID) { setMode(LOW_POWER_TOUCH_DETECTION); } } ``` --- ## 5. Key Electronic Features * **3D Pixel Sensing:** Unlike optical sensors, this uses capacitive sensing to map the "depth" of the finger, making it harder to spoof with 2D photos. * **Automatic Gain Control (AGC):** Dynamically adjusts the sensitivity of the capacitive pixels based on skin moisture (dry vs. sweaty fingers). * **On-Chip Encryption:** Some "DAQ" variants include hardware-accelerated encryption to ensure biometric data cannot be intercepted on the SPI bus.
    ✨ Follow-up Questions
    • ⤷What is the specific SPI clock speed supported by the FPM4182H?
    • ⤷ Does this module support 'Match-on-Chip' or 'Match-on-Host' processing?
    • ⤷ What is the physical surface coating material used for durability?