công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPM3254H-R010FFR

  • AI
    The **FPM3254H-R010FFR** is a specialized electronic component, typically categorized as a high-precision, low-profile **Surface Mount Device (SMD) Power Inductor** or a specific **Current Sense Resistor**, depending on the manufacturer's series application (commonly associated with high-current power management modules). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the technical parameters are generally as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Inductance / Resistance** | 0.10 µH (indicated by "R010") | | **Tolerance** | ±20% (Standard for Power Inductors) | | **Current Rating (Isat)** | High Current (Typically 20A - 40A range) | | **DC Resistance (DCR)** | Ultra-low (mΩ range) | | **Package Size** | 3.2mm x 2.5mm (indicated by "3225" or "3254" footprint) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Physical Construction The "FPM" series usually denotes a **Metal Composite** construction. This involves: * **Magnetic Powder Core:** Uses an iron powder or alloy core molded around the wire coil. * **Shielded Design:** The molded construction naturally provides magnetic shielding, reducing Electromagnetic Interference (EMI). * **Solder Pads:** Large bottom-surface pads designed for high-current flow and heat dissipation. --- ### 3. Application Areas This part is designed for high-density power electronics where space is limited but current demands are high. 1. **DC-DC Converters:** Used in Point-of-Load (POL) converters for CPUs and GPUs. 2. **Mobile Electronics:** Power management in smartphones, tablets, and laptops. 3. **VRM (Voltage Regulator Modules):** Providing stable current to high-speed processors. 4. **Automotive Infotainment:** Compact power filtering in vehicle electronics. --- ### 4. Part Number Decoding (Typical) * **FPM:** Series Prefix (Fixed Power Metal/Molded). * **3254:** Dimensions (Length x Width, e.g., 3.2mm x 2.5mm with a specific height). * **H:** High-reliability or High-current variant. * **R010:** Value (0.10 µH or 0.10 mΩ depending on component class). * **FFR:** Packaging/Tolerance code (often refers to Tape & Reel packaging).
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the FPM3254H-R010FFR?
    • ⤷ How does metal composite construction differ from ferrite core inductors?
    • ⤷ Which manufacturers produce equivalents for the FPM series?