FPM3184H-R010GAQ
AI

The **FPM3184H-R010GAQ** is a specialized electronic component, typically categorized as a **High-Precision Shunt Resistor** or a Current Sense Resistor. These parts are designed to measure current by monitoring the voltage drop across a known resistance.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics associated with this series:
| Parameter | Value (Typical) | Description |
| :--- | :--- | :--- |
| **Resistance** | 10 mΩ ($10 \times 10^{-3} \Omega$) | Denoted by "R010" in the part number. |
| **Tolerance** | ±1% | Precision level for current measurement. |
| **Power Rating** | 3W - 5W | High power handling capability. |
| **Technology** | Metal Plate / Shunt | Uses a solid metal alloy for stability. |
| **Package** | 3184 / Custom Shunt | Large footprint for heat dissipation. |
---
### 2. Key Electronic Features
* **Low TCR (Temperature Coefficient of Resistance):** This part is engineered to maintain its resistance value even as it heats up, ensuring accuracy across a wide temperature range.
* **Kelvin Connection (4-Terminal) Potential:** Often used in 4-wire sensing to eliminate the resistance of the leads from the measurement.
* **High Pulse Stability:** Capable of withstanding short-duration high-current surges without failing.
---
### 3. Part Number Breakdown
While manufacturer conventions vary slightly (often linked to brands like **Isabellenhütte** or **Vishay** equivalents), the code generally follows this logic:
1. **FPM:** Often refers to the series (Functional Precision Metal).
2. **3184:** Represents the physical dimensions (Case size).
3. **R010:** Indicates the resistance value (0.010 Ohms or 10 mΩ).
4. **GAQ:** Usually signifies the tolerance (G = 2% or F = 1%), packaging type, and AEC-Q200 qualification (Automotive grade).
---
### 4. Common Applications
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EVs or power tools.
* **DC-DC Converters:** Current feedback loops for voltage regulation.
* **Motor Control:** Detecting phase current in industrial motors.
* **Electronic Fuse (eFuse):** Overcurrent protection circuits.
---
- ⤷What is the maximum operating temperature for the FPM3184H series?
- ⤷ How does a 4-terminal Kelvin connection improve sensing accuracy?
- ⤷ Are there alternative resistance values available for the FPM3184H model?