công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPM3182H-R010FKP

  • AI
    The **FPM3182H-R010FKP** is a high-precision, low-resistance **Current Sense Resistor** (Shunt) manufactured by ROHM Semiconductor. This specific part is designed for high-power applications requiring accurate current monitoring. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the component: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 10 mΩ (0.010 Ω) | Represented by "R010" in the part number. | | **Tolerance** | ±1% (F) | High precision for accurate measurement. | | **Power Rating** | 8.0 Watts | Rated for high current flow without overheating. | | **Temperature Coefficient** | ±50 ppm/°C | Minimal resistance drift across temperature changes. | | **Operating Temperature** | -65°C to +175°C | Suitable for automotive and industrial environments. | | **Package / Case** | 3182 (Metric 8021) | Large physical footprint for heat dissipation. | --- ### 2. Internal Construction and Materials The "Electronic Parts" composition of this shunt resistor is optimized for stability: * **Resistive Element:** Utilizes a specialized metal alloy (often Manganese-Copper or Ni-Cr based) that maintains a flat resistance curve over a wide temperature range. * **Terminals:** Features heavy-duty copper terminals designed for surface mounting (SMD) to ensure a low-resistance interface with the PCB. * **Structure:** The "H" series indicates a high-power handling design where the resistive element is welded to the copper electrodes to minimize internal thermal resistance. --- ### 3. Application Use Cases This component is typically found in circuits where high current needs to be measured via a voltage drop ($V = I \times R$): 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EVs or energy storage systems. 2. **Motor Control:** Detecting phase current for industrial motor drives. 3. **DC-DC Converters:** Providing feedback loops for current-mode power supplies. 4. **Automotive Electronics:** (AEC-Q200 compliant) Used in power steering or braking control units. --- ### 4. Part Number Breakdown Understanding the suffix codes: * **FPM:** Series identifier (High Power Shunt Resistor). * **3182:** Physical dimensions (3.1mm x 8.2mm approx). * **H:** High power type. * **R010:** 10 milliohms. * **F:** ±1.0% tolerance. * **KP:** Packaging code (Embossed tape).
    ✨ Follow-up Questions
    • ⤷ What are the recommended PCB layout practices for this 10mΩ shunt to ensure accuracy?
    • ⤷ How does the 8W power rating change if the ambient temperature exceeds 70°C?
    • ⤷ Are there alternative resistance values available in the FPM3182 series?