công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPM3024H-R010FFR

  • AI
    The **FPM3024H-R010FFR** is a specialized precision electronic component, typically categorized as a **Current Sense Resistor** (Shunt Resistor) utilized in high-power management systems. --- ### 1. Key Technical Specifications Based on the part numbering convention for high-precision shunts, here is the technical breakdown of its attributes: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 10 mΩ (0.010 Ω) | Represented by "R010" in the part number. | | **Tolerance** | ±1% | The "F" suffix typically denotes a 1% precision rating. | | **Power Rating** | High Wattage (3W - 5W) | Typical for the 3024/3920 package sizes. | | **Package Size** | 3024 (Imperial) | Surface Mount Device (SMD) with dimensions ~7.6mm x 6.0mm. | | **Technology** | Metal Alloy / Manganin | Uses specialized alloys for low Temperature Coefficient of Resistance (TCR). | --- ### 2. Physical Construction These parts are engineered to handle significant current without significant drift in resistance. * **Material:** Often constructed from a solid metal alloy plate (Manganin or Ni-Cr) welded to copper terminals. * **Terminals:** Usually features large copper pads to minimize thermal resistance and allow for efficient heat dissipation into the PCB. * **Stability:** Designed for ultra-low inductance, making it suitable for high-frequency switching applications. --- ### 3. Functional Applications The FPM3024H series is primarily used for **Current Sensing**. By measuring the small voltage drop across this resistor ($V = I \times R$), a controller can determine the exact current flowing through a circuit. * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EV batteries or power tools. * **DC-DC Converters:** Providing feedback for overcurrent protection. * **Motor Control:** Sensing phase current in industrial motor drives. * **Power Supplies:** High-efficiency switching power supply regulation. --- ### 4. Circuit Implementation Example When integrating this part into a PCB, a **Kelvin Connection (4-wire)** layout is recommended to ensure accuracy. ```cpp // Logic for Current Calculation (Conceptual) float resistance = 0.010; // 10 mOhms float voltageDrop = readADC(); // Voltage measured across the shunt float current = voltageDrop / resistance; // I = V / R ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for a 10mΩ resistor with this package size?
    • ⤷ How does the Temperature Coefficient (TCR) affect the accuracy of this part?
    • ⤷ Can you explain the Kelvin connection layout for this specific SMD package?