công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPM3024H-R010BAR

  • AI
    The **FPM3024H-R010BAR** is a precision **Pressure Sensor Module** typically used in industrial and medical applications. It belongs to a category of integrated pressure transmitters that utilize piezoresistive technology combined with signal conditioning. --- ### 1. Key Technical Specifications Based on the part number nomenclature, the following technical characteristics are identified: | Parameter | Specification | | :--- | :--- | | **Pressure Range** | 0 to 10 Bar (1.0 MPa) | | **Sensor Type** | Piezoresistive Silicon Sensor | | **Output Signal** | Analog Voltage (typically 0.5V - 4.5V ratiometric) | | **Supply Voltage** | 5.0V DC (Standard) | | **Pressure Type** | Sealed Gauge or Absolute (depending on specific sub-revision) | | **Material** | Stainless Steel 316L (Wetted parts) | --- ### 2. Main Electronic Components The internal architecture of the FPM3024H consists of several critical electronic stages: #### A. Piezoresistive Bridge The heart of the device is a silicon micromachined sensor element. When pressure is applied, the resistance of the bridge changes proportionally. This is a low-level differential signal. #### B. ASIC (Application-Specific Integrated Circuit) Since the raw sensor output is non-linear and sensitive to temperature, the module contains an onboard ASIC for: * **Amplification:** Boosting the millivolt signal to a usable voltage range. * **Calibration:** Storing offset and span correction factors. * **Temperature Compensation:** Correcting errors caused by thermal expansion/contraction of the sensor element. #### C. Protective Circuitry Industrial modules like the R010BAR include: * **EMI/RFI Filtering:** Capacitors and ferrites to prevent electrical noise from affecting readings. * **Reverse Polarity Protection:** Prevents damage if the power supply wires are crossed. * **Over-voltage Protection:** Shields the ASIC from voltage spikes on the line. --- ### 3. Pinout and Wiring (General Configuration) Most sensors in this series use a 3-wire interface: | Pin | Function | Description | | :--- | :--- | :--- | | **VCC** | Power Supply | Typically +5V DC | | **GND** | Ground | Common Reference | | **OUT** | Signal Output | Analog voltage proportional to 0-10 Bar | --- ### 4. Integration Example To interface this sensor with a microcontroller (like an Arduino or PLC), the following logic is applied: ```cpp // Example: Converting voltage to Bar for FPM3024H-R010BAR float sensorValue = analogRead(A0); float voltage = (sensorValue * 5.0) / 1023.0; // Mapping 0.5V-4.5V to 0-10 Bar float pressureBar = (voltage - 0.5) * (10.0 / (4.5 - 0.5)); if (pressureBar < 0) pressureBar = 0; // Low-end clipping ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum overpressure limit for this 10 Bar sensor?
    • ⤷ Does this model support digital communication like I2C or SPI?
    • ⤷ What are the common thread sizes for the mechanical interface of the FPM3024H?