công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPM3022H-R010FKR

  • AI
    The **FPM3022H-R010FKR** is a high-precision, automotive-grade current sense resistor, typically manufactured by Isabellenhütte (part of the FPM series). These components are critical in power electronics for monitoring current flow with minimal energy loss. --- ### ## Technical Specifications Below is a breakdown of the key electronic characteristics for this specific part number: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 10 mΩ (0.010 Ω) | | **Power Rating** | Up to 3W (depending on mounting/heatsink) | | **Tolerance** | ±1.0% (denoted by 'F' in the suffix) | | **Temperature Coefficient** | < 30 ppm/K | | **Operating Temp Range** | -65°C to +175°C | | **Material** | Manganin (Resistive element) | | **Package Size** | 3022 (Metric) | --- ### ### Key Electronic Features 1. **Low Inductance:** The design minimizes parasitic inductance (typically < 3 nH). This is essential for high-frequency switching applications where rapid current changes occur. 2. **High Stability:** Using Manganin alloy allows the resistor to maintain its value even under significant thermal stress, ensuring long-term measurement accuracy. 3. **Pulse Power Handling:** The FPM series is engineered to withstand high transient power surges, making it suitable for motor startup currents or battery inrush scenarios. 4. **Kelvin Connection (4-Terminal) Capability:** While the physical package is often two terminals, the internal architecture is optimized for 4-wire sensing to eliminate the resistance of the leads and solder joints from the measurement. --- ### ### Common Applications The FPM3022H series is widely used in the following circuits: * **BMS (Battery Management Systems):** Monitoring charge and discharge cycles in electric vehicles (EVs). * **DC/DC Converters:** Providing feedback loops for current regulation. * **Electronic Power Steering (EPS):** Sensing motor current for precise torque control. * **Inverters:** Protecting power modules from overcurrent conditions. --- ### ### Equivalent Circuit Representation In a simulation or schematic, the part is modeled as a resistor in series with a very small inductor: ```spice * SPICE Model Representation R1 Node1 Node2 0.010 ; 10mOhm Resistance L1 Node1 Node2 2n ; ~2nH Parasitic Inductance ```
    ✨ Follow-up Questions
    • ⤷ What are the PCB layout recommendations for 10mOhm sense resistors to avoid measurement error?
    • ⤷ How does the 'H' suffix in the part number affect the power rating compared to standard versions?
    • ⤷ What are the primary differences between Manganin and Aluchrom resistive elements?