công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPM3022H-R010FKP

  • AI
    ## Overview of the FPM3022H-R010FKP The **FPM3022H-R010FKP** is a high-precision, low-resistance current sensing resistor, typically utilized in power management and automotive electronics. It belongs to a category of "Shunt Resistors" or "Current Sense Resistors" designed to handle high current while maintaining thermal stability. --- ### Technical Specifications The following table outlines the key electronic characteristics of this component: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Metal Plate Current Sense Resistor | | **Resistance Value** | 10 mΩ (0.010 Ω) | | **Tolerance** | ±1% (denoted by 'F') | | **Power Rating** | 2W to 3W (Package dependent) | | **Temperature Coefficient (TCR)** | ±50 ppm/°C | | **Operating Temperature** | -55°C to +170°C | | **Package Size** | 3022 (Metric) / ~1209 (Imperial) | --- ### Key Electronic Features 1. **Metal Plate Construction:** Unlike standard thick-film resistors, this part uses a solid metal alloy plate. This allows for superior heat dissipation and high pulse-loading capability. 2. **Low TCR (Temperature Coefficient of Resistance):** The "50 ppm" rating ensures that the resistance value stays extremely stable even as the component heats up under high current loads, preventing measurement errors. 3. **Four-Terminal (Kelvin) Potential:** While the physical footprint may vary, parts in this series often support or are optimized for Kelvin sensing to eliminate lead resistance interference. --- ### Application in Circuits In an electronic circuit, the FPM3022H-R010FKP is placed in series with the load. The voltage drop across the resistor ($V = I \times R$) is measured by a Current Sense Amplifier or Microcontroller. **Typical Use Cases:** * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. * **DC-DC Converters:** Providing feedback for over-current protection (OCP). * **Motor Control:** Detecting phase current for precise torque and speed management. --- ### Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **FPM** | Series identifier (Metal Plate/Power) | | **3022** | Physical dimensions (3.0mm x 2.2mm) | | **R010** | Resistance Value (0.010 Ohms / 10mΩ) | | **F** | Tolerance (±1%) | | **K** | Temperature Coefficient (TCR Code) | | **P** | Packaging (Taping/Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 3W power rating?
    • ⤷ How does a 10mΩ resistor compare to a 1mΩ resistor in terms of measurement sensitivity?
    • ⤷ Can this part be used in AEC-Q200 qualified automotive environments?