FPM-8151H-R3BE
AI

The **FPM-8151H-R3BE** is an industrial-grade 15" XGA TFT LCD monitor designed by Advantech. It is specifically engineered for hazardous environments and heavy-duty industrial applications.
Below is a breakdown of its primary electronic components and technical specifications.
---
### 1. Display and Visual Specifications
The core of the unit is a high-quality industrial display panel capable of operating under intense lighting and extreme temperatures.
| Component | Specification |
| :--- | :--- |
| **Panel Type** | 15" XGA TFT LCD |
| **Resolution** | 1024 x 768 |
| **Max. Colors** | 16.2M (6-bit + FRC) |
| **Luminance** | 400 cd/m² |
| **Backlight Life** | 50,000 Hours |
| **Viewing Angle** | 160° (H), 140° (V) |
### 2. Touch and Control Electronics
The "R" in the model name indicates a **Resistive** touch screen, which is ideal for industrial settings where operators may be wearing gloves.
* **Touch Controller:** Built-in RS-232 and USB interface for touch data transmission.
* **Touch Type:** 5-wire resistive (provides high durability and accuracy).
* **OSD (On-Screen Display):** Rear-mounted buttons allow for electronic adjustment of brightness, contrast, and scaling.
### 3. Power System
The internal power circuitry is designed to handle the "dirty" power often found in industrial grids, featuring surge protection and wide input ranges.
* **Input Voltage:** 24 $V_{DC}$ (Standard industrial power rail).
* **Power Consumption:** 18W + 20% (Typical).
* **Power Interface:** Phoenix Terminal Block (for secure, vibration-resistant wiring).
### 4. Input/Output (I/O) Connectivity
The electronic interface board supports multiple signal standards to ensure compatibility with both legacy and modern Industrial PCs (IPCs).
* **Video Inputs:** 1 x VGA, 1 x DVI-D.
* **Touch Interface:** 1 x USB (Type B), 1 x RS-232 (DB9).
* **Grounding:** Dedicated screw-type grounding stud to prevent EMI (Electromagnetic Interference) issues.
---
### 5. Specialized Certifications
The electronic design of the FPM-8151H-R3BE meets specific safety standards for volatile environments:
1. **Class I, Division 2 (CID2):** The electronics are sealed to prevent sparks from igniting flammable gases or vapors in the atmosphere.
2. **IP65 Protection:** The front bezel electronics are protected against dust ingress and low-pressure water jets.
3. **Anti-Corrosion:** Features a 316L stainless steel front bezel to protect internal electronics from chemical degradation.
- ⤷
What are the mounting options available for the FPM-8151H?
- ⤷ Can this monitor be used with a 110V AC power source?
- ⤷ How does the 5-wire resistive touch differ from a capacitive touch screen in industrial use?