FPM-7121T-R3AE
AI

The **FPM-7121T-R3AE** is an industrial-grade 12.1" XGA TFT LED LCD monitor manufactured by Advantech. It is designed specifically for rugged environments, such as factory automation and machine-building interfaces.
Below is a breakdown of its primary electronic components and technical specifications.
---
### 1. Display and Visual Components
The core of the unit is its industrial display panel, designed for longevity and high visibility.
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Panel Type** | 12.1" XGA TFT LCD | High-contrast display for industrial GUIs. |
| **Max Resolution** | 1024 x 768 | Standard 4:3 aspect ratio. |
| **Backlight** | LED | Offers a lifespan of 50,000 hours. |
| **Luminance** | 600 $cd/m^2$ | High brightness for readability in lit environments. |
| **Contrast Ratio** | 700:1 | Ensures clear distinction between colors/shades. |
### 2. Touch Control Electronics
The "R" in the model name indicates a **Resistive** touch system, which is ideal for operators wearing gloves.
* **Touch Type:** 5-wire Analog Resistive.
* **Interface:** Dual support via USB or RS-232 (COM port) for touch data transmission.
* **Durability:** Rated for 36 million touches at a single point.
* **Light Transmission:** Approximately 80% (typical for resistive overlays).
### 3. Input/Output (I/O) Interfaces
The internal controller board (AD Board) manages the signal conversion from the PC to the LCD panel.
* **Video Inputs:**
* **VGA:** Standard analog signal.
* **Direct-VGA:** Optimized for Advantech IPCs.
* **Control Ports:**
* **USB (Type B):** For touch screen functionality.
* **RS-232:** Alternative serial connection for touch data.
* **OSD (On-Screen Display):** Rear-mounted buttons for adjusting brightness, contrast, and positioning.
### 4. Power Circuitry
The device is built to handle the fluctuating power conditions of industrial settings.
* **Input Voltage:** 12 $V_{DC}$ (Standard).
* **Power Adapter:** Phoenix Contact plug (3-pin) for secure industrial wiring.
* **Power Consumption:** 9W typical (low power draw due to LED backlighting).
### 5. Physical and Environmental Protections
The electronic housing is designed to meet specific ingress protection standards.
* **Front Panel:** IP66 rated (Protected against dust and powerful water jets).
* **Chassis:** Die-cast magnesium alloy (Acts as a heat sink and provides EMI shielding).
* **Operating Temp:** -20 to 60°C (-4 to 140°F), requiring wide-temp rated capacitors and semiconductors.
---
- ⤷
What are the differences between the FPM-7121T and the FPM-7151T models?
- ⤷ Can the resistive touch screen be replaced with a capacitive one?
- ⤷ What mounting options are available for the FPM-7121T-R3AE?