FPM-3191G-R3AE
AI

The **Advantech FPM-3191G-R3AE** is a 19" SXGA industrial monitor designed for harsh environments. Its electronic components are engineered for durability, signal integrity, and high-quality visual output.
---
### 1. Display and Panel Specifications
The core electronic component is the **TFT LCD panel**, which handles the image reproduction and backlight control.
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Panel Type** | SXGA TFT LCD | Standard 4:3 aspect ratio for industrial software. |
| **Resolution** | 1280 x 1024 | High-density pixels for clear UI elements. |
| **Max Colors** | 16.7M | 24-bit color depth for accurate rendering. |
| **Luminance** | 350 cd/m² | High brightness for visibility in lit factories. |
| **Backlight MTBF** | 50,000 Hours | LED/CCFL driver designed for 24/7 longevity. |
---
### 2. Control and Input Interface
The internal controller board (AD Board) manages signal conversion from the PC to the LCD panel.
* **Signal Inputs:**
* **VGA (D-Sub):** Analog signal processing for legacy industrial controllers.
* **DVI-D:** Digital interface for lossless image transmission and better EMI resistance.
* **OSD (On-Screen Display) Controls:** Electronic tactile buttons located on the rear or side to adjust brightness, contrast, and horizontal/vertical positioning.
---
### 3. Touchscreen Electronics
The "R" in the model name indicates a **Resistive** touch system.
* **Type:** 5-wire Analog Resistive.
* **Interface:** Dual-mode support via **USB** or **RS-232 (Serial)**.
* **Controller:** An internal ASIC (Application-Specific Integrated Circuit) translates physical pressure into X-Y coordinates sent to the host OS.
* **Durability:** The electronic sensors are rated for 36 million touches at a single point.
---
### 4. Power Management
The FPM-3191G-R3AE uses industrial-grade power regulation to handle voltage fluctuations.
* **Input Voltage:** 100 ~ 240 $V_{AC}$ (via an external 60W power adapter).
* **Power Consumption:** Typically around 31W during active operation.
* **Protection:** Integrated grounding and surge protection to prevent damage from industrial electrical noise.
---
### 5. Mechanical and Environmental Integration
The electronic parts are protected by a ruggedized chassis:
* **Front Panel:** IP65 rated (Waterproof/Dustproof electronics).
* **Chassis:** Anti-corrosion coating and heavy-duty steel.
* **Mounting:** Supports VESA, Panel, and Rack mounting, ensuring the electronic cables are strain-relieved.
---
- ⤷
What are the specific power adapter requirements for the FPM-3191G?
- ⤷ How do I configure the touch controller to use RS-232 instead of USB?
- ⤷ Does this model support HDMI or DisplayPort inputs through adapters?