FPM-2170G-R3AE
AI

The **FPM-2170G-R3AE** is an industrial-grade 17" SXGA monitor manufactured by Advantech. It is designed for human-machine interface (HMI) applications in harsh environments. Below is a detailed breakdown of its electronic components and specifications.
---
### 1. Display and Visual Specifications
The core of the unit is a high-quality industrial LCD panel designed for 24/7 operation.
| Feature | Specification |
| :--- | :--- |
| **Panel Type** | SXGA TFT LCD |
| **Size** | 17 inches |
| **Max Resolution** | 1280 x 1024 |
| **Luminance (Brightness)** | 350 $cd/m^2$ |
| **Contrast Ratio** | 800:1 |
| **Backlight Life** | 50,000 hours |
### 2. Touch Control System
The "R" in the model name indicates a **Resistive** touch system, which is ideal for industrial settings where operators may wear gloves.
* **Touch Type:** 5-wire Analog Resistive.
* **Interface:** Dual-mode (USB and RS-232/COM port) connectivity for touch data.
* **Durability:** Rated for 36 million touches at a single point.
* **Light Transmission:** Approximately 80%.
### 3. Electronic Interfaces & I/O
The rear electronics assembly handles signal conversion and power management.
* **Video Input:**
* **VGA:** Standard D-Sub 15-pin connector.
* **Direct-VGA Signal:** Supports standard analog RGB.
* **Control Ports:**
* **USB:** For touch screen interface.
* **RS-232:** Alternative serial interface for touch screen.
* **OSD (On-Screen Display):** Rear-mounted buttons to electronically control contrast, brightness, and positioning.
### 4. Power Circuitry
The device is designed to integrate into industrial power grids without specialized consumer adapters.
| Component | Detail |
| :--- | :--- |
| **Input Voltage** | +12V DC (External power adapter) |
| **Power Consumption** | ~23 Watts (Typical) |
| **Power Connector** | Phoenix-type terminal block (Screw-in for vibration resistance) |
### 5. Environmental Ruggedization
The electronic housing and front panel are engineered for high reliability.
* **Front Panel Protection:** IP65 rated (Dust-tight and protected against water jets).
* **Chassis:** Anti-corrosion treatment with a magnesium alloy front bezel.
* **Mounting Support:** Supports VESA (75mm/100mm), Panel, and Wall mounting.
---
- ⤷
Does this model support digital inputs like HDMI or DisplayPort?
- ⤷ What are the specific power supply requirements for a terminal block connection?
- ⤷ How does the resistive touch interface differ electronically from a capacitive one?