FPM-215-R8AE
AI

The **FPM-215-R8AE** is an industrial-grade 15" XGA TFT LED LCD monitor manufactured by Advantech. It is designed for harsh environments, featuring a rugged design and specific electronic components optimized for reliability and connectivity.
---
### Core Electronic Specifications
The internal electronics are centered around high-quality display driving and touch interface management.
| Component | Specification | Details |
| :--- | :--- | :--- |
| **Display Type** | 15" XGA TFT LED LCD | Provides 1024 x 768 resolution. |
| **Backlight** | LED | Offers 50,000 hours of life (MTBF). |
| **Touch Controller** | 5-wire Resistive | Durable interface that works with gloves or pens. |
| **Input Voltage** | 12 VDC | Standard industrial DC power input. |
| **Luminance** | 400 cd/m² | High brightness for visibility in lit environments. |
| **Interface** | VGA + DVI-D | Dual video input options. |
---
### Key Internal Modules
#### 1. Display Driver Board (A/D Board)
The Analog-to-Digital board acts as the "brain" of the monitor. It converts incoming VGA (analog) or DVI (digital) signals into the LVDS (Low-Voltage Differential Signaling) format required by the LCD panel.
* **Protection:** Features industrial-grade capacitors and resistors to handle electromagnetic interference (EMI).
#### 2. Touch Screen Controller
This is a dedicated circuit that translates physical pressure on the screen into X/Y coordinates.
* **Interface:** Supports both RS-232 (Serial) and USB interfaces for the touch data output.
* **Durability:** The 5-wire resistive technology ensures the sensor remains functional even if the top layer is slightly damaged.
#### 3. LED Driver (Inverter Replacement)
Unlike older CCFL monitors, the FPM-215-R8AE uses an LED driver circuit to power the backlight.
* **Efficiency:** Consumes less power and generates less heat than traditional inverters.
* **Dimming:** Allows for brightness adjustment through the OSD (On-Screen Display) buttons.
#### 4. I/O Ports and Connectors
The physical interface panel includes:
* **Video Inputs:** 1 x VGA; 1 x DVI-D.
* **Touch Ports:** 1 x USB Type-B; 1 x RS-232 (DB9).
* **Power:** Plug-in block with a locking screw to prevent accidental disconnection.
---
### Environmental and Electrical Protection
The electronics are housed in a way that meets specific industrial standards:
* **NEMA4/IP65 Compliance:** The front bezel electronics are protected against dust and water ingress.
* **Anti-Corrosion:** The chassis is usually made of Al-Mg (Aluminum-Magnesium) or stainless steel to protect internal circuits from oxidation.
* **Grounding:** Includes dedicated grounding points to protect against static discharge (ESD) in factory settings.
- ⤷What is the difference between the USB and RS-232 touch interfaces on this model?
- ⤷ Can this monitor be powered by a 24V DC source instead of 12V?
- ⤷ How do I calibrate the 5-wire resistive touch screen in Windows?