FPM-212-R9AE
AI

The **FPM-212-R9AE** is an industrial-grade 12.1" SVGA TFT LED LCD monitor, typically manufactured by Advantech. It is designed for harsh environments, featuring a rugged design and specific electronic components that allow it to interface with industrial PCs.
---
### Core Electronic Specifications
The following table outlines the primary electronic and technical characteristics of the FPM-212-R9AE:
| Feature | Specification |
| :--- | :--- |
| **Display Type** | SVGA TFT LED LCD |
| **Screen Size** | 12.1 inches |
| **Max. Resolution** | 800 x 600 |
| **Luminance (Brightness)** | 450 cd/m² |
| **Backlight Life** | 50,000 hours |
| **Touchscreen Type** | 5-wire Resistive |
| **Power Input** | External 57W power adapter (100-240 VAC input, 12 VDC output) |
| **Power Consumption** | 13W + 20% (Typical) |
---
### Key Internal Components & Connectivity
#### 1. Display Controller Board
The internal PCB (Printed Circuit Board) translates incoming video signals (VGA) into the LVDS (Low-Voltage Differential Signaling) format required by the LCD panel.
* **Video Input:** 1 x VGA (D-Sub 15-pin).
* **OSD Controls:** Located on the rear panel, allowing electronic adjustment of brightness, contrast, and phase.
#### 2. Touchscreen Controller
The "R" in the model name indicates a **Resistive** touchscreen.
* **Interface:** It utilizes an RS-232 (COM port) or USB interface to communicate touch coordinates to the host computer.
* **Durability:** The 5-wire resistive technology is electronically rated for 35 million touches at a single point.
#### 3. Power Management
The unit is designed for industrial stability:
* **Input Protection:** Includes basic surge protection for industrial environments.
* **Energy Efficiency:** The LED backlight technology reduces power draw compared to older CCFL (Cold Cathode Fluorescent Lamp) models.
#### 4. Physical Chassis & Protection
While not purely "electronic," the housing serves an electronic purpose:
* **IP65 Rating:** The front panel is electronically sealed against dust and water ingress.
* **Grounding:** The aluminum front bezel provides an anti-corrosion and anti-static (ESD) ground path.
---
### Environmental Operating Range
The electronic components are rated to operate within the following thresholds:
* **Operating Temperature:** -20 ~ 60°C (-4 ~ 140°F)
* **Storage Temperature:** -30 ~ 80°C (-22 ~ 176°F)
* **Vibration Protection:** 1 Grms (5 ~ 500 Hz)
- ⤷
Does the FPM-212-R9AE support HDMI or DisplayPort inputs?
- ⤷ How do I install the touchscreen drivers for this specific model?
- ⤷ What are the mounting options available for this industrial monitor?