AI

The **FPM-212-R8AE** is an industrial-grade 12.1" SVGA monitor manufactured by Advantech. It is designed for human-machine interface (HMI) applications in harsh environments.
Below is a breakdown of its core electronic components and technical specifications.
---
### 1. Display and Visual Specifications
The visual output is the primary function of this device, utilizing an industrial LCD panel designed for longevity.
| Feature | Specification |
| :--- | :--- |
| **Display Type** | SVGA TFT LCD |
| **Size** | 12.1 inch |
| **Max Resolution** | 800 x 600 |
| **Brightness** | 450 cd/m² (Nits) |
| **Contrast Ratio** | 700:1 |
| **Backlight MTBF** | 50,000 hours |
---
### 2. Touch Control System
The "R" in the model name signifies a **Resistive** touch screen. This allows for operation with fingers, styluses, or gloved hands.
* **Touch Type:** 5-wire Analog Resistive.
* **Interface:** Dual-mode support via **USB** or **RS-232 (Serial)**.
* **Durability:** Rated for approximately 35 million touches at a single point.
* **Driver Support:** Compatible with Windows, Linux, and embedded OS environments.
---
### 3. Electronic Interfaces (I/O)
The rear electronic assembly contains the logic board and signal converters.
* **Video Input:**
* **VGA:** Standard D-Sub 15-pin connector.
* **Direct-VGA Signal:** Optimized for industrial PC distances.
* **Touch Interface:**
* 1 x USB Type-B port.
* 1 x RS-232 (COM) port.
* **Power Input:**
* External 60W power adapter.
* DC input range: Typically 12V DC (with some variations supporting Phoenix terminal blocks).
---
### 4. Power Consumption and Protection
The internal circuitry is hardened to resist electrical interference common in factories.
| Parameter | Value |
| :--- | :--- |
| **Power Consumption** | 22W (Typical) |
| **Power Input** | 100 ~ 240 VAC (via Adapter) / 12 VDC |
| **Protection** | Chassis Grounding, Overvoltage protection |
---
### 5. Mechanical & Environmental Integration
The electronic parts are encased in a ruggedized chassis to ensure protection from external elements.
* **Front Panel IP Rating:** **IP65 certified** (Dust-tight and protected against water jets).
* **Chassis Material:** Die-cast magnesium alloy (Excellent heat dissipation and EMI shielding).
* **Operating Temperature:** 0 ~ 50°C (32 ~ 122°F).
* **Mounting Support:** VESA mount (75mm), Wall, Desktop, or Panel mount.
---
### Summary Table: Key Components
| Component | Description |
| :--- | :--- |
| **Inverter/LED Driver** | Controls backlight intensity and dimming. |
| **A/D Board** | Converts VGA analog signals to digital LVDS for the LCD. |
| **Touch Controller** | Processes pressure-sensitive inputs into coordinate data. |
| **OSD Buttons** | Rear-facing buttons for brightness, contrast, and auto-tuning. |
- ⤷
How does the 5-wire resistive touch compare to capacitive touch in industrial settings?
- ⤷ Can this monitor be powered directly from a 24V DC industrial power supply?
- ⤷ What are the specific mounting dimensions for the FPM-212-R8AE?