công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPE-1B-R/Q

  • AI
    The **FPE-1B-R/Q** is a high-performance, chassis-mount power resistor commonly used in industrial and automotive applications. It belongs to a family of wirewound resistors housed in an aluminum casing for maximum heat dissipation. --- ### 1. Technical Specifications The "R/Q" suffix usually denotes specific tolerance or qualification standards (often related to AEC-Q200 compliance or specific lead finishes). | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Wirewound, Aluminum Housed | | **Power Rating** | 5W to 50W (depends on heatsink size) | | **Resistance Range** | 0.01 $\Omega$ to 50k $\Omega$ | | **Tolerance** | $\pm$1%, $\pm$5% | | **Temp. Coefficient** | $\pm$20 ppm/°C to $\pm$50 ppm/°C | | **Dielectric Strength** | 1000V AC | | **Standard Compliance** | MIL-PRF-18546 / MIL-R-18546 | --- ### 2. Internal Electronic Construction The device consists of three primary components that define its electronic behavior: 1. **Resistive Element:** A high-quality alloy wire (usually Ni-Cr) wound onto a ceramic core. The winding technique determines the inductance level. 2. **Insulation:** The wire is embedded in a high-thermal-conductivity molding compound (typically silicone or epoxy) to isolate it electrically from the metal shell. 3. **Housing:** An anodized aluminum extrusion. The fins on the housing increase surface area for convection, while the flat base allows for conduction cooling when bolted to a metal chassis. --- ### 3. Circuit Integration (Code Example) When simulating or calculating the thermal performance of this part in a circuit, engineers often use a thermal-electrical analogy. ```python # Simple Ohm's Law and Power Calculation for FPE-1B Selection def calculate_resistor_load(voltage, resistance): current = voltage / resistance power_watts = (voltage ** 2) / resistance print(f"Current: {current:.2f} A") print(f"Power Dissipated: {power_watts:.2f} W") # Safety margin: Power rating should be 2x the dissipation required_rating = power_watts * 2 return required_rating # Example: 24V system with 10 Ohm FPE resistor calculate_resistor_load(24, 10) ``` --- ### 4. Key Applications * **Dynamic Braking:** Absorbing energy from electric motors. * **Inrush Current Limiting:** Protecting sensitive electronics during power-up. * **Load Simulation:** Used in power supply testing. * **Bleeder Resistors:** Discharging high-voltage capacitors in power inverters.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes for this specific resistor series?
    • ⤷ How does the power rating change when the resistor is used without a heatsink?
    • ⤷ What are the non-inductive winding options for the FPE series?