FPE-11-R
AI

The **FPE-11-R** is an addressable fire alarm system peripheral, specifically an **Addressable Photoelectric Smoke Detector** designed for use with fire alarm control panels (FACPs) from manufacturers like Siemens or Cerberus Pyrotronics (often part of the FireFinder or XLS systems).
---
## 1. Core Electronic Components and Design
The FPE-11-R utilizes a combination of optical sensors and integrated circuitry to detect fire conditions.
| Component | Function |
| :--- | :--- |
| **Infrared (IR) LED** | Pulsed light source that emits a beam into the sensing chamber. |
| **Photodiode** | A light-sensitive sensor positioned at an angle to the LED to detect scattered light. |
| **Microprocessor** | Processes signals, handles digital communication, and stores the device address. |
| **Address Switches** | Physical dials (usually rotary) used to set the unique loop identification number. |
| **Red/Green LED** | Visual indicator for power (blinking green) and alarm status (solid red). |
---
## 2. Technical Specifications
The "R" suffix typically denotes a version designed for specific environmental or compatibility requirements (often "Relay" or "Remote" capability depending on the specific series configuration).
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 16 - 27 VDC (supplied by the SLC loop) |
| **Current (Standby)** | ~280 µA |
| **Detection Method** | Light Scattering (Tyndall Effect) |
| **Communication** | Analog Addressable Protocol |
| **Environment** | Indoor, non-condensing (32°F to 100°F) |
---
## 3. Operating Principle
The electronic operation follows a logic-based sequence:
1. **Sensing:** The IR LED pulses periodically. In a clean environment, light does not hit the photodiode.
2. **Scattering:** When smoke particles enter the chamber, they scatter the IR light.
3. **Conversion:** The photodiode converts the scattered light into an analog electrical signal.
4. **Digitization:** The onboard microprocessor converts the analog signal to a digital value and compares it against a pre-set threshold.
5. **Communication:** When the Fire Alarm Control Panel (FACP) polls the device address, the FPE-11-R sends its status (Normal, Trouble, or Alarm) back via the Signaling Line Circuit (SLC).
---
## 4. Maintenance and Diagnostics
The electronics include self-diagnostic features:
* **Automatic Sensitivity Testing:** The panel can electronically poll the detector to verify it is within its UL-listed sensitivity range.
* **Drift Compensation:** The microprocessor can electronically adjust the "baseline" signal to account for dust buildup over time, reducing false alarms.
---
- ⤷
What is the difference between the FPE-11 and the FPE-11-C variants?
- ⤷ How do you set the address on an FPE-11-R detector?
- ⤷ Which base models are compatible with the FPE-11-R?