công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FPA-5Z-R/Q

  • AI
    The **FPA-5Z-R** and **FPA-5Z-Q** are high-performance **Full-Frame CMOS Image Sensors** developed by Canon. These sensors are primarily designed for industrial, medical, and high-end security applications rather than consumer photography. The difference between the two usually lies in the filter array: **"R"** typically denotes a monochrome sensor or specific infra-red sensitivity, while **"Q"** denotes a standard RGB Bayer filter. --- ### 1. Core Electronic Specifications These parts are engineered for high-speed data throughput and extreme low-light sensitivity. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Full-frame CMOS (35mm equivalent) | | **Effective Pixels** | Approx. 120 Megapixels (13272 x 9176) | | **Pixel Size** | 2.2 $\mu$m x 2.2 $\mu$m | | **Shutter Type** | Rolling Shutter (with high-speed readout) | | **Output Interface** | Multi-channel Digital LVDS | | **Power Supply** | 3.3V (Analog), 1.8V (Digital) | --- ### 2. Key Electronic Architecture #### A. Multi-Channel Signal Readout To handle the massive amount of data generated by 120 million pixels, the FPA-5Z series utilizes **progressive high-speed reading**. * **Parallelism:** The sensor employs multiple readout channels (often up to 28 channels or more) to prevent bottlenecks. * **ADC Integration:** It features column-parallel Analog-to-Digital Converters (ADC) to minimize noise during the conversion of light signals to digital data. #### B. Noise Reduction Circuitry These sensors incorporate dedicated circuitry to handle **Dark Current** and **Fixed Pattern Noise (FPN)**: 1. **Correlated Double Sampling (CDS):** This electronic process removes the reset noise from the pixel signal before it is digitized. 2. **Sensitivity Enhancement:** The pixel structure is designed with micro-lenses that maximize light gathering even at small pixel pitches (2.2 $\mu$m). #### C. Control Interface The electronic communication with the sensor is typically handled via an **SPI (Serial Peripheral Interface)** for register configuration, allowing the system integrator to adjust: * Gain settings. * Exposure timing. * Region of Interest (ROI) windowing. --- ### 3. Application Use Cases Because of the high electronic complexity and data rate, these parts are found in: * **Flat Panel Display Inspection:** Detecting microscopic defects in OLED/LCD screens. * **Aerial Mapping:** High-resolution ground surveillance. * **Digital Archiving:** Scanning large-scale historical documents with immense detail. --- ### 4. Comparison: R vs. Q Models | Feature | FPA-5Z-R | FPA-5Z-Q | | :--- | :--- | :--- | | **Color Filter** | Monochrome (or specialized IR) | RGB Bayer Pattern | | **Sensitivity** | Higher (no light loss from filters) | Standard | | **Primary Use** | Scientific/Medical Imaging | General High-Res Surveillance |
    ✨ Follow-up Questions
    • ⤷ What are the bandwidth requirements for the LVDS interface on this sensor?
    • ⤷ How does the pixel pitch of the FPA-5Z compare to consumer full-frame sensors?
    • ⤷ Can these sensors be used for high-speed video recording at 120MP?