công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FP2458-DP3X3-RPSMA

  • AI
    The **FP2458-DP3X3-RPSMA** is a high-performance, dual-band directional patch antenna commonly used in enterprise-grade Wi-Fi deployments. It is designed to operate in both the 2.4 GHz and 5 GHz spectrums. ### 1. Key Technical Specifications The following table outlines the primary electronic and physical characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.4 - 2.5 GHz / 5.1 - 5.9 GHz | | **Antenna Type** | Patch (Directional) | | **Gain (2.4 GHz)** | ~8 dBi | | **Gain (5 GHz)** | ~8 dBi | | **MIMO Configuration** | 3x3 (Three separate RF paths) | | **Polarization** | Dual Slant (Vertical/Horizontal) | | **Connector Type** | RP-SMA Male (Reverse Polarity SMA) | | **Cable Type** | Low-loss Coaxial | --- ### 2. Electronic Components & Architecture #### A. Dual-Band Operation (2458) The "2458" in the part number signifies its ability to handle both **2.4 GHz** and **5.8 GHz** bands. Internally, the antenna utilizes frequency-selective surfaces or resonant elements tuned to these specific wavelengths. This allows a single enclosure to support both legacy 802.11b/g/n and modern 802.11ac/ax (Wi-Fi 6) standards. #### B. 3x3 MIMO Technology The "3X3" indicates that the antenna contains **three independent radiating elements**. * **Spatial Multiplexing:** Each element can transmit/receive unique data streams simultaneously. * **Improved Throughput:** This configuration is ideal for 3-stream Access Points (APs), significantly increasing data speeds compared to single-antenna systems. #### C. RP-SMA Connectors The antenna features **Reverse Polarity SMA** connectors. In the RF world, this is a standard safety measure for Wi-Fi equipment to prevent consumers from connecting high-gain professional antennas to consumer-grade hardware (though it has since become a standard itself). --- ### 3. Signal Patterns and Usage * **Directional Beam:** Unlike "rubber duck" antennas that broadcast in 360 degrees (Omnidirectional), this patch antenna focuses the signal in a specific direction. This is highly effective for: * Wall-mounting at the end of a long hallway. * Point-to-point links between buildings. * Reducing interference by not broadcasting signal behind the antenna. * **Isolation:** The internal elements are designed with high isolation to ensure that the signal from one port does not bleed into and interfere with the signal of the other two ports. ---
    ✨ Follow-up Questions
    • ⤷ What is the beamwidth (horizontal and vertical) for this specific antenna model?
    • ⤷ Can this antenna be used outdoors
    • ⤷ or is it strictly for indoor environments?
    • ⤷ How does 'Dual Slant' polarization improve signal reception compared to standard linear polarization?