AI

The **FP16391** refers to a specific optical component from the **LEDiL HEIDI** series. Specifically, the model is the **HEIDI-SS-V**, which is a high-efficiency subminiature lens designed for high-power LEDs.
While it is an optical part, its performance is critical to the electronic design of LED lighting systems.
---
### 1. Technical Specifications
Below are the primary technical characteristics of the FP16391 lens:
| Specification | Details |
| :--- | :--- |
| **Series** | HEIDI |
| **Beam Type** | Smooth Spot (SS) |
| **Dimensions** | 25.0 mm (Diameter) x 11.7 mm (Height) |
| **Material** | PMMA (Polymethyl methacrylate) |
| **Typical FWHM** | ~7° - 9° (Depending on LED used) |
| **Fastening** | Pin and Tape (Adhesive) |
| **Efficiency** | ~90% |
---
### 2. Compatibility and Integration
The FP16391 is designed to be compatible with a wide range of electronic light sources, specifically high-power surface-mount (SMD) LEDs.
#### Supported LED Types
* **Cree:** XP-E, XP-G, XT-E, XP-L
* **Samsung:** LH351B, LH351Z
* **Lumileds:** LUXEON Rebel, LUXEON Z ES
* **OSRAM:** OSLON Square, OSLON SSL 80/150
#### Assembly Components
1. **Lens (FP16391):** The optical focus element.
2. **Adhesive Tape:** Pre-applied to the bottom for secure mounting to the PCB.
3. **Alignment Pins:** Two small pins on the bottom to ensure the lens is centered perfectly over the LED die.
---
### 3. Electronic Design Considerations
When integrating the FP16391 into an electronic circuit, engineers must consider the following:
* **Thermal Management:** While the lens is PMMA (stable up to ~80-90°C), the high-power LED underneath generates significant heat. The PCB (typically an MCPCB - Metal Core PCB) must dissipate heat effectively to prevent the lens from warping or yellowing.
* **Optical Center:** The LED must be placed at the exact coordinates defined by the lens's alignment pins in the CAD layout to ensure the "Smooth Spot" beam pattern is achieved.
* **Z-Height:** The lens is designed for LEDs with a specific height. If using an unconventional LED, the focal point may shift, altering the beam angle.
---
### 4. Typical Applications
* Architectural lighting (spotlighting details).
* Flashlights and portable torches.
* Commercial indoor spot lighting.
* Museum and gallery lighting.
- ⤷
What are the CAD footprints requirements for mounting the FP16391 pins?
- ⤷ How does the beam angle change when using different LED brands with this lens?
- ⤷ What is the maximum operating temperature for the PMMA material used in this part?