công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FNS-Z4W-R

  • AI
    The **FNS-Z4W-R** is a specific model of a **Full-Color LED Cluster** or signal module, commonly manufactured by companies like **Patlite** (often used in their signaling towers or indicator systems). Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This component is designed for industrial automation and status signaling. It is characterized by its ability to produce multiple colors from a single unit. | Feature | Specification Details | | :--- | :--- | | **Model Type** | Full-Color LED Unit (Replacement/Module) | | **Voltage Range** | Typically 24V DC (Standard for Industrial Control) | | **Light Source** | High-intensity RGB LEDs | | **Connector Type** | Multi-pin header (usually 4 to 6 pins for R, G, B, and Common) | | **Mounting** | PCB-mounted or Clip-in module | | **Compatibility** | FNS Series Signal Towers / Signage boards | --- ## 2. Key Electronic Components The internal circuitry of the FNS-Z4W-R consists of several critical layers to ensure longevity and color accuracy: ### A. RGB LED Array The core of the part is a cluster of Red, Green, and Blue Light Emitting Diodes. By varying the power supplied to each cathode/anode, the unit can generate: * **Primary Colors:** Red, Green, Blue. * **Composite Colors:** White, Yellow, Cyan, Magenta. ### B. Current Limiting Resistors To prevent the LEDs from burning out due to voltage spikes or overcurrent, the module contains Surface Mount Device (SMD) resistors. These are calibrated to the 24V input to ensure the LEDs operate within their safe forward current range (usually 20mA per channel). ### C. Reverse Polarity Protection Industrial environments are prone to wiring errors. The electronics usually include a diode to protect the LED string if the DC power supply is connected backwards. --- ## 3. Wiring and Control Logic The FNS-Z4W-R operates on a **Common Anode** or **Common Cathode** configuration. ```python # Conceptual logic for controlling the FNS-Z4W-R via PLC if Machine_Status == "Error": Pin_Red = HIGH Pin_Green = LOW Pin_Blue = LOW # Result: Red Light elif Machine_Status == "Running": Pin_Red = LOW Pin_Green = HIGH Pin_Blue = LOW # Result: Green Light ``` ### Wiring Pinout (Typical) 1. **Common (V+):** Positive 24V supply. 2. **R-Channel:** Ground this pin to activate Red. 3. **G-Channel:** Ground this pin to activate Green. 4. **B-Channel:** Ground this pin to activate Blue. --- ## 4. Maintenance and Replacement Because these parts are often used in "Signal Towers" (Stack lights), they are designed as modular inserts. * **Lifespan:** Rated for approximately 50,000 to 100,000 hours. * **Failure Mode:** If one color fails while others work, the internal trace for that specific color's resistor has likely failed due to heat or vibration. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the FNS-Z4W-R connector?
    • ⤷ Can this module be dimmed using Pulse Width Modulation (PWM)?
    • ⤷ Which specific Patlite signal tower models are compatible with this LED unit?