công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FNS-FW0-R

  • AI
    The **FNS-FW0-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Fast-Acting Fuse** (often part of the FNS series by manufacturers like Kamaya or similar precision component producers). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The FNS series is designed for overcurrent protection in compact electronic circuits. | Feature | Description | | :--- | :--- | | **Component Type** | Surface Mount Chip Fuse (SMD) | | **Case Size** | Often 0402 or 0603 (Inches) depending on specific sub-series | | **Response Time** | Fast-Acting (F) | | **Termination Material** | Typically Silver (Ag) or Tin (Sn) plated | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Electronic Parameters While specific values (like Amperage) are denoted by the full part number string, the **FNS-FW** family generally adheres to these electrical boundaries: * **Rated Voltage:** Usually ranges from **24V DC to 63V DC**, making them ideal for battery-operated devices. * **Interrupting Rating:** The maximum current the fuse can safely interrupt without physical failure (often 35A - 50A at rated voltage). * **Operating Temperature:** Typically rated between **-55°C and +125°C**, allowing for industrial-grade use. * **Resistance:** Low internal resistance to minimize voltage drop across the component. --- ### 3. Circuit Functionality The "FW" designation often refers to a specific ultra-fast melting characteristic. 1. **Overcurrent Protection:** It acts as a sacrificial link. If the current exceeds the rated threshold, the internal element melts, breaking the circuit. 2. **Short-Circuit Defense:** Because it is "Fast-Acting," it reacts within milliseconds to high-current spikes, protecting sensitive ICs (Integrated Circuits) downstream. 3. **Space Efficiency:** Its small footprint allows it to be placed directly on dense PCBs (Printed Circuit Boards) in smartphones, laptops, and tablets. --- ### 4. Common Applications Due to its precision, the FNS-FW0-R is commonly found in: * **LCD Monitors:** Protection for inverter circuits. * **Battery Management Systems (BMS):** Protecting cells from discharge spikes. * **Mobile Devices:** Safeguarding charging ports and logic boards. * **Storage Devices:** Protecting SSDs and HDDs from power surges. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific current rating for the '0-R' suffix in this series?
    • ⤷ How does a 'Fast-Acting' fuse differ from a 'Slow-Blow' fuse in PCB design?
    • ⤷ What are the recommended soldering profiles for SMD fuses like the FNS series?