FNS-EE-R
AI

The **FNS-EE-R** series refers to a specific line of **Electronic Pressure Switches** (often associated with brands like CKD or similar industrial automation manufacturers). These devices are designed to monitor fluid or gas pressure and provide digital/analog signals for process control.
Below is a breakdown of the electronic components and technical specifications typically found in this series.
---
### 1. Key Electronic Components
The FNS-EE-R series integrates several critical electronic parts to ensure precision and durability:
| Component | Function |
| :--- | :--- |
| **Pressure Sensor Cell** | Usually a piezoresistive or ceramic thick-film element that converts physical pressure into an electrical mV signal. |
| **ASIC (Integrated Circuit)** | Performs signal conditioning, temperature compensation, and converts the raw sensor data into standardized outputs. |
| **LED Display** | Typically a 3.5 or 4-digit display used to show real-time pressure values and programming parameters. |
| **Switching Transistors** | NPN or PNP transistors that act as digital outputs to trigger PLCs or relays. |
| **EEPROM** | Internal memory that stores user-defined setpoints and hysteresis configurations even when powered off. |
---
### 2. Electrical Specifications
The electronic performance of the R-series is defined by its power requirements and signal logic:
* **Power Supply:** Generally operates on **12 to 24V DC** (with a tolerance of ±10%).
* **Output Types:**
* **Digital:** 2 discrete outputs (NPN or PNP).
* **Analog:** 1-5V DC or 4-20mA current loop (model dependent).
* **Response Time:** Typically **≤ 2.5ms**, making it suitable for high-speed pneumatic cycles.
* **Current Consumption:** Low power draw, usually **≤ 40mA** (without load).
---
### 3. Wiring Configuration
Most FNS-EE-R models use a standard M12 connector or a multi-core lead wire. The wiring logic is usually color-coded as follows:
1. **Brown:** Positive Power (+V)
2. **Blue:** Negative Power (0V/GND)
3. **Black:** Switch Output 1
4. **White:** Switch Output 2 / Analog Output
5. **Orange (if applicable):** Functional Earth
---
### 4. Electronic Features & Protections
* **Hysteresis Mode:** Allows the user to set a "dead band" to prevent the electronics from "chattering" (rapidly switching on/off) when the pressure fluctuates near the setpoint.
* **Short-Circuit Protection:** Protects the internal transistors if the output is wired incorrectly or overloaded.
* **IP65 Rating:** The electronic housing is sealed against dust and water splashes, ensuring longevity in industrial environments.
---
- ⤷
What is the difference between NPN and PNP output types in this series?
- ⤷ How do I calibrate the zero-point on an FNS-EE-R pressure switch?
- ⤷ Can this sensor be used for vacuum applications or only positive pressure?