AI

The **FNS-C5W-R** is a specific electronic component typically identified as a **tactile switch** (or push-button switch) produced by manufacturers like **Fujisoku** (now part of Nidec Components). These parts are commonly used in control panels, instrumentation, and consumer electronics.
---
### 1. Technical Specifications
Below are the general technical parameters for the FNS series, specifically the C5W-R variant:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile / Momentary Push Button |
| **Circuit Type** | SPST (Single Pole Single Throw) |
| **Mounting Type** | Through-Hole (PC Pin) |
| **Contact Rating** | Usually 50mA @ 12VDC - 24VDC |
| **Operating Force** | 1.57N (approx. 160gf) |
| **Actuator Style** | Plunger / Square (typically for cap attachment) |
| **Illumination** | Non-Illuminated (standard for "C" series) |
| **Terminal Pitch** | Standard 5.08mm or 2.54mm grid |
---
### 2. Key Features
* **Tactile Feedback:** Provides a distinct "click" sensation to the user, confirming the switch has been actuated.
* **Durability:** Designed for high-frequency use, often rated for 100,000 to 1,000,000 cycles.
* **Compact Footprint:** Ideal for high-density PCB (Printed Circuit Board) designs.
* **Washable/Sealed (Optional):** Some variants in this series feature a sealed structure to allow for wave soldering and cleaning processes.
---
### 3. Part Number Breakdown
While manufacturer codes vary slightly, the "FNS" series usually follows this logic:
1. **FNS:** Series identifier (Tactile Switch).
2. **C5:** Refers to the physical dimensions and terminal configuration.
3. **W:** Often indicates a specific terminal style (e.g., right-angle or straight) or environmental sealing.
4. **R:** Typically stands for **RoHS Compliance** or specific packaging (like Reel/Tray).
---
### 4. Common Applications
* **Industrial Equipment:** Reset buttons or mode selection switches.
* **Audio/Visual:** Interface controls on mixers or amplifiers.
* **Computing:** Peripheral input buttons.
* **Appliances:** Control panels for microwave ovens or washing machines.
---
### 5. Wiring Diagram (SPST-NO)
The switch operates as "Normally Open" (NO). When the button is pressed, the circuit is completed.
```text
[ Terminal 1 ] ----/ ---- [ Terminal 2 ]
^
(Press to Close)
```
- ⤷
What is the exact footprint dimension for the FNS-C5W-R PCB layout?
- ⤷ Are there illuminated versions available in the FNS series?
- ⤷ What is the maximum operating temperature for this switch?