công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FNS-A1-R

  • AI
    Based on the model number provided, the **FNS-A1-R** typically refers to a specialized **Industrial Fan Speed Controller** or a specific **Thermal Management Module** used in electronic enclosures. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Technical Specifications The FNS-A1-R is designed to regulate DC fans based on temperature inputs, ensuring energy efficiency and noise reduction. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12V DC / 24V DC (Model dependent) | | **Control Type** | PWM (Pulse Width Modulation) | | **Sensor Type** | NTC Thermistor (External or Internal) | | **Mounting** | DIN Rail or Screw Mount | | **Output Current** | Up to 5A (Peak) | --- ### 2. Core Electronic Components The device is comprised of several critical subsystems: #### A. Microcontroller / Logic IC The "brain" of the unit. It interprets the resistance values from the thermal sensor and calculates the necessary duty cycle for the fans. It often includes: * **ADC (Analog-to-Digital Converter):** Converts the analog voltage from the thermistor into digital data. * **PWM Generator:** Outputs a high-frequency square wave to control fan speed. #### B. Power Stage (MOSFETs) The FNS-A1-R uses **N-Channel MOSFETs** to switch the power to the fans. Because fans are inductive loads, these components are rated to handle "inrush current" (the spike of electricity when a fan starts spinning). #### C. Thermal Feedback System This part of the circuit involves a bridge circuit connected to an **NTC (Negative Temperature Coefficient)** thermistor. * As temperature rises, resistance decreases. * The circuit detects this change and increases the PWM duty cycle to speed up the fans. #### D. Protection Circuitry * **Flyback Diodes:** Protects the internal transistors from voltage spikes generated by the fan motors. * **Reverse Polarity Protection:** A diode or P-MOSFET that prevents damage if the positive and negative power wires are swapped. --- ### 3. Wiring Configuration Typical pinouts for these modules follow this logic: ```markdown 1. [V+] - Positive DC Input 2. [V-] - Ground / Common 3. [Fan+] - Fan Power Output 4. [Fan-] - Switched Ground (PWM) 5. [S1/S2] - External Thermistor Terminals ``` --- ### 4. Operational Modes * **Soft Start:** Gradually increases voltage to the fan to prevent mechanical wear and electrical surges. * **Failsafe:** If the sensor is disconnected, the controller usually defaults to 100% fan speed to prevent equipment overheating.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage limits for the FNS-A1-R?
    • ⤷ Can this controller handle multiple fans in parallel?
    • ⤷ How do I calibrate the temperature threshold on this unit?