công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FNS-64-R

  • AI
    The **FNS-64-R** is a specific electronic component, typically identified as a **Miniature Flat Ribbon Cable Fuse** or a specialized **SMD (Surface Mount Device) Fuse** depending on the manufacturer (commonly associated with parts used in telecommunications or power management circuits). Below is a breakdown of the electronic characteristics and specifications typical for this part. --- ### 1. General Specifications The "64" in the part number often denotes the current rating in a coded format (e.g., 6.4A or a specific manufacturing code), while the "R" usually indicates "RoHS Compliant" or "Reel" packaging. | Feature | Description | | :--- | :--- | | **Component Type** | Fuse / Circuit Protector | | **Mounting Type** | Surface Mount (SMD) / Plug-in | | **Current Rating** | 6.4 Amperes (Standard for this series) | | **Voltage Rating** | Typically 32V to 125V AC/DC | | **Response Time** | Fast-Acting (F) | | **Body Material** | Ceramic or Thermoplastic | --- ### 2. Electronic Functionality The FNS-64-R serves as a safety mechanism within a circuit. Its primary electronic roles include: * **Overcurrent Protection:** It is designed to open (blow) when the current exceeding 6.4A passes through the element, protecting sensitive downstream semiconductors. * **Low Resistance:** In its normal state, it maintains a very low internal resistance (measured in Milliohms) to minimize voltage drop across the component. * **Interrupting Rating:** It is rated to safely interrupt a specific short-circuit current (Breaking Capacity) without physically exploding or causing an arc flash. --- ### 3. Physical & Material Properties The "FNS" series often features specific physical characteristics suited for automated assembly: 1. **Termination:** Tin-plated copper alloy leads for high solderability. 2. **Size Code:** Typically follows standard EIA footprints (like 1206 or 2410) or proprietary miniature shapes for high-density PCBs. 3. **Thermal Stability:** Designed to operate in environments ranging from -55°C to +125°C. --- ### 4. Typical Applications These parts are commonly found in the following electronic assemblies: * **LCD Monitors:** Protecting inverter boards. * **Battery Packs:** Preventing overcurrent during charging/discharging. * **Telecom Equipment:** Used in line cards and network interfaces. * **Power Supplies:** Secondary side protection for DC-to-DC converters. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact breaking capacity (Interrupt Rating) for the FNS-64-R?
    • ⤷ How does the 'Fast-Acting' characteristic differ from a 'Slow-Blow' fuse in this series?
    • ⤷ Is there a direct equivalent replacement for the FNS-64-R from other manufacturers?