công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FNS-41-R

  • AI
    The **FNS-41-R** is an electronic component primarily classified as a **high-frequency current sensor** or a **noise suppression filter** (often associated with TDK/Lambda or specific power electronics manufacturers). It is designed to monitor or suppress electromagnetic interference (EMI) in high-power applications. --- ## 1. Technical Specifications Below are the typical electronic characteristics for components in the FNS series: | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Clamp-on Magnetic Core / Current Sensor | | **Core Material** | Ferrite (High-permeability) | | **Operating Frequency** | 100 kHz to 10 MHz (typical range) | | **Primary Application** | Noise filtering & Surge suppression | | **Installation** | Snap-on or Bolt-on (depending on specific R-variant) | --- ## 2. Key Electronic Functions ### A. EMI Suppression The FNS-41-R acts as a **Common Mode Choke** when clamped around a cable. It provides high impedance to high-frequency noise while allowing the desired low-frequency signal (or DC power) to pass through with minimal attenuation. ### B. Inductive Reactance The ferrite material inside the part increases the inductance of the wire passing through it. This creates a low-pass filter effect: * **Low Frequencies:** Low impedance (no impact). * **High Frequencies:** High impedance (blocks noise). ### C. Magnetic Saturation The "41" designation usually refers to the physical size or the specific formulation of the magnetic core. The "R" often signifies **RoHS Compliance** or a specific **Round** physical geometry. These parts are engineered to resist saturation even when high currents are flowing through the primary conductor. --- ## 3. Physical Construction * **Split Core:** Most FNS models feature a split-core design, allowing the electronic part to be installed around existing wiring without disconnecting the terminals. * **Plastic Housing:** The ferrite core is encased in a flame-retardant plastic shell (often UL94V-0 rated) to prevent the brittle ceramic ferrite from cracking. * **Internal Spring:** Usually contains a stainless steel or phosphor bronze spring to ensure the two halves of the core are pressed tightly together, minimizing the air gap. --- ## 4. Typical Applications 1. **Switching Power Supplies:** To eliminate high-frequency switching noise. 2. **Industrial Machinery:** Protecting PLC (Programmable Logic Controller) signals from motor drive interference. 3. **Data Cables:** Used on USB or RS-232 cables in noisy environments to prevent data corruption.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the FNS-41-R core?
    • ⤷ How does the 'R' suffix specifically change the electrical properties compared to the standard FNS-41?
    • ⤷ Can this part be used for differential mode noise suppression?