AI

The **FNS-3A-R** is a specific model of a **Miniature Thermal Circuit Breaker**, typically manufactured by companies like **Schurter** or **SANKY**. It is designed to provide overcurrent protection for electronic equipment and appliances.
Below is a detailed breakdown of its electronic components and technical specifications.
---
## 1. Technical Specifications
The FNS-3A-R belongs to a class of resettable protective devices. Its primary function is to break the circuit when current exceeds the rated threshold.
| Feature | Specification |
| :--- | :--- |
| **Model** | FNS-3A-R |
| **Rated Current** | 3 Amperes |
| **Rated Voltage** | 125V AC / 250V AC |
| **Reset Type** | Manual Push-to-Reset |
| **Mounting Type** | Panel Mount (Nut/Snap-in) |
| **Termination** | Quick-connect terminals (Solder lugs) |
| **Compliance** | RoHS Compliant (indicated by the "-R" suffix) |
---
## 2. Internal Electronic Construction
The FNS-3A-R is a **Thermal-based** circuit breaker. Unlike a fuse that melts, this part uses physical mechanical deformation to interrupt current.
### Key Components:
1. **Bimetallic Strip:** The heart of the device. It consists of two different metals bonded together. When current flows, the strip heats up. Because the metals expand at different rates, the strip bends.
2. **Latch Mechanism:** Once the bimetallic strip bends to a certain degree (indicating an overcurrent), it releases a mechanical latch.
3. **Contact Points:** These are silver-plated or copper contacts that separate when the latch is released, physically breaking the electrical path.
4. **Reset Button:** An external plunger that allows the user to manually re-engage the latch and close the contacts after the bimetallic strip has cooled down.
---
## 3. Operating Principle
The device operates on the **Time-Current Characteristic** (Inverse Time curve).
* **Normal Operation:** The bimetallic strip remains cool enough to stay straight, keeping the circuit closed.
* **Overload Condition:** At exactly 3A, the device will hold indefinitely. However, at higher currents (e.g., 6A or 10A), the strip heats rapidly, bending and "tripping" the breaker.
* **Recovery:** Unlike a fuse, the FNS-3A-R is **reusable**. Once the fault is cleared and the internal strip cools, the user presses the button to restore power.
---
## 4. Typical Applications
The FNS-3A-R is commonly found in:
* **Power Strips:** Protecting against plugging in too many high-wattage devices.
* **Small Appliances:** Toasters, mixers, and coffee makers.
* **Industrial Tools:** Battery chargers and small motors.
* **Marine/Automotive:** Protecting low-voltage DC auxiliary circuits.
---
- ⤷
What is the difference between the FNS-3A-R and a standard glass fuse?
- ⤷ Can the FNS-3A-R be used in DC voltage applications?
- ⤷ What is the trip time curve for a 3A thermal breaker?